| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 50 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 50 Page - Renesas Technology Corp |
|
50 / 1524 page ![]() Rev. 3.00 Jan. 18, 2008 Page l of lxii Figure 38.32 Burst Write Bus Cycle of SDRAM (Single Write × 8) (Bank Active Mode: ACTV + WRIT Command, TRCD = 1 Cycle) .................. 1344 Figure 38.33 Burst Write Bus Cycle of SDRAM (Single Write × 8) (Bank Active Mode: PRE + ACTV + WRIT Command, TRCD = 1 Cycle)....... 1345 Figure 38.34 Auto Refresh Timing of SDRAM (TRP = 2 Cycles) .......................................... 1346 Figure 38.35 Self Refresh Timing of SDRAM (TRP = 2 Cycles) ............................................ 1347 Figure 38.36 Power-On Sequence of SDRAM (Mode Write Timing, TRP = 2 Cycles).......... 1348 Figure 38.37 Write to Read Bus Cycle in Power-Down Mode of SDRAM (Auto Precharge Mode, TRCD = 1 Cycle, TRP = 1 Cycle, TRWL = 1 Cycle)... 1349 Figure 38.38 Read to Write Bus Cycle in Power-Down Mode of SDRAM (Auto Precharge Mode, TRCD = 1 Cycle, TRP = 1 Cycle, TRWL = 1 Cycle)... 1350 Figure 38.39 PCMCIA Memory Card Interface Bus Timing ................................................... 1351 Figure 38.40 PCMCIA Memory Card Interface Bus Timing (TED[3:0] = B'0010, TEH[3:0] = B'0001, Software Wait 1, Hardware Wait 1) ................................................................................................ 1352 Figure 38.41 PCMCIA I/O Card Interface Bus Timing............................................................ 1353 Figure 38.42 PCMCIA I/O Card Interface Bus Timing (TED[3:0] = B'0010, TEH[3:0] = B'0001, Software Wait 1, Hardware Wait 1) ................................................................................................ 1354 Figure 38.43 REFOUT, IRQOUT Delay Time ........................................................................ 1354 Figure 38.44 I/O Port Timing ................................................................................................... 1355 Figure 38.45 DREQ Input Timing (DREQ Low Level is Detected) ........................................ 1355 Figure 38.46 DACK Output Timing......................................................................................... 1355 Figure 38.47 TPU Output Timing ............................................................................................. 1356 Figure 38.48 TPU Clock Input Timing..................................................................................... 1356 Figure 38.49 Oscillation Settling Time when RTC Crystal Oscillator is Turned On ............... 1357 Figure 38.50 SCK Input Clock Timing .................................................................................... 1358 Figure 38.51 SCIF Input/Output Timing in Synchronous Mode .............................................. 1359 Figure 38.52 I2C Bus Interface Input/Output Timing ............................................................... 1361 Figure 38.53 SIOF_MCLK Input Timing................................................................................. 1362 Figure 38.54 SIOF Transmission/Reception Timing (Master Mode 1, Fall Sampling)............ 1363 Figure 38.55 SIOF Transmission/Reception Timing (Master Mode 1, Rise Sampling)........... 1363 Figure 38.56 SIOF Transmission/Reception Timing (Master Mode 2, Fall Sampling)............ 1364 Figure 38.57 SIOF Transmission/Reception Timing (Master Mode 2, Rise Sampling)........... 1364 Figure 38.58 SIOF Transmission/Reception Timing (Slave Mode 1, Slave Mode 2) .............. 1365 Figure 38.59 AFEIF Module AC Timing ................................................................................. 1366 Figure 38.60 USB Clock Timing.............................................................................................. 1367 Figure 38.61 LCDC Module Signal Timing............................................................................. 1369 Figure 38.62 SIM Module Signal Timing ................................................................................ 1370 Figure 38.63 MMCIF Transmit Timing ................................................................................... 1371 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |