Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 360 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 360 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 356Page - Renesas Technology Corp SH7721 Datasheet HTML 357Page - Renesas Technology Corp SH7721 Datasheet HTML 358Page - Renesas Technology Corp SH7721 Datasheet HTML 359Page - Renesas Technology Corp SH7721 Datasheet HTML 360Page - Renesas Technology Corp SH7721 Datasheet HTML 361Page - Renesas Technology Corp SH7721 Datasheet HTML 362Page - Renesas Technology Corp SH7721 Datasheet HTML 363Page - Renesas Technology Corp SH7721 Datasheet HTML 364Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 298 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
10
9
BSZ1
BSZ0
1*
1*
R/W
R/W
Data Bus Width
Specify the data bus width of spaces.
00: Reserved (setting prohibited)
01: 8-bit size
10: 16-bit size
11: 32-bit size
Notes: 1. The data bus width for area 0 is specified by the
external pin. The BSZ1 and BSZ0 bit settings in
CS0BCR are ignored.
2. If area 5 or area 6 is specified as PCMCIA space,
the bus width can be specified as either 8 bits or
16 bits.
3. If area 2 or area 3 is specified as SDRAM space,
the bus width can be specified as either 16 bits or
32 bits.
8 to 0
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
Note:
*
CS0BCR samples the external pins (MD3 and MD4) that specify the bus width at
power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com