Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 378 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 378 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 374Page - Renesas Technology Corp SH7721 Datasheet HTML 375Page - Renesas Technology Corp SH7721 Datasheet HTML 376Page - Renesas Technology Corp SH7721 Datasheet HTML 377Page - Renesas Technology Corp SH7721 Datasheet HTML 378Page - Renesas Technology Corp SH7721 Datasheet HTML 379Page - Renesas Technology Corp SH7721 Datasheet HTML 380Page - Renesas Technology Corp SH7721 Datasheet HTML 381Page - Renesas Technology Corp SH7721 Datasheet HTML 382Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 316 of 1458
REJ09B0033-0300
(3)
SDRAM
• CS2WCR
Bit
Bit Name
Initial
Value
R/W
Description
31 to 9
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
8
7
A2CL1
A2CL0
1
0
R/W
R/W
CAS Latency for Area 2
Specify the CAS latency for area 2.
00: 1 cycle
01: 2 cycles
10: 3 cycles
11: 4 cycles
6 to 0
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
• CS3WCR
Bit
Bit Name
Initial
Value
R/W
Description
31 to 15
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
14
13
TRP1
TRP0
0
0
R/W
R/W
Number of Cycles from Auto-Precharge/PRE Command to
ACTV Command
Specify the number of minimum cycles from the start of auto-
precharge or issuing of PRE command to the issuing of
ACTV command for the same bank. The setting for areas 2
and 3 is common.
00: 1 cycle
01: 2 cycles
10: 3 cycles
11: 4 cycles
12
0
R
Reserved
This bit is always read as 0. The write value should always be
0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com