Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 104Page - Renesas Technology Corp SH7721 Datasheet HTML 105Page - Renesas Technology Corp SH7721 Datasheet HTML 106Page - Renesas Technology Corp SH7721 Datasheet HTML 107Page - Renesas Technology Corp SH7721 Datasheet HTML 108Page - Renesas Technology Corp SH7721 Datasheet HTML 109Page - Renesas Technology Corp SH7721 Datasheet HTML 110Page - Renesas Technology Corp SH7721 Datasheet HTML 111Page - Renesas Technology Corp SH7721 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 1524 page
background image
Section 2
CPU
Rev. 3.00 Jan. 18, 2008 Page 46 of 1458
REJ09B0033-0300
31
R0*1,*2
R1*2
R2*2
R3*2
R4*2
R5*2
R6*2
R7*2
R8
R9
R10
R11
R12
R13
R14
R15
0
General Registers: Undefined after reset
Notes: 1. R0 functions as an index register in the indexed
register-indirect addressing mode and indexed
GBR-indirect addressing mode. In some
instructions, only R0 can be used as the source
or destination register.
2. R0 to R7 are banked registers. In privileged
mode, either R0_BANK0 to R7_BANK0 or
R0_BANK1 to R7_BANK1 is selected by the
RB bit in the SR register.
Figure 2.4
General Registers
2.3.2
System Registers
The system registers: multiply and accumulate registers (MACH/MACL) and procedure register
(PR) as system registers can be accessed by the LDS and STS instructions.
(1)
Multiply and Accumulate Registers (MACH/MACL)
The multiply and accumulate registers (MACH/MACL) store the results of multiplication and
accumulation instructions or multiplication instructions. The MACH/MACL registers also store
addition values for the multiplication and accumulations. After reset, these registers are undefined.
The MACH and MACL registers store upper 32 bits and lower 32 bits, respectively.
(2)
Procedure Register (PR)
The procedure register (PR) stores the return address for a subroutine call using the BSR, BSRF,
or JSR instruction. The return address stored in the PR register is restored to the program counter
(PC) by the RTS (return from the subroutine) instruction. After reset, this register is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com