Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 183Page - Renesas Technology Corp SH7721 Datasheet HTML 184Page - Renesas Technology Corp SH7721 Datasheet HTML 185Page - Renesas Technology Corp SH7721 Datasheet HTML 186Page - Renesas Technology Corp SH7721 Datasheet HTML 187Page - Renesas Technology Corp SH7721 Datasheet HTML 188Page - Renesas Technology Corp SH7721 Datasheet HTML 189Page - Renesas Technology Corp SH7721 Datasheet HTML 190Page - Renesas Technology Corp SH7721 Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 125 of 1458
REJ09B0033-0300
3.5.4
ALU Fixed-Point Arithmetic Operations
Figure 3.9 shows the ALU arithmetic operation flow. Table 3.21 shows the variation of this type
of operation and table 3.22 shows the correspondence between each operand and registers.
39
31
31
39
31
0
Source 1
0
Destination
ALU
DSR
39
0
Source 2
Guard
Guard
Guard
GT
Z
N
V DC
Figure 3.9 ALU Fixed-Point Arithmetic Operation Flow
Note:
The ALU fixed-point arithmetic operations are basically 40-bit operation; 32 bits of the
base precision and 8 bits of the guard-bit parts. So the signed bit is copied to the guard-bit
parts when a register not providing the guard-bit parts is specified as the source operand.
When a register not providing the guard-bit parts is specified as a destination operand, the
lower 32 bits of the operation result are input into the destination register.
ALU fixed-point operations are executed between registers. Each source and destination operand
are selected independently from one of the DSP registers. When a register providing guard bits is
specified as an operand, the guard bits are activated for this type of operation. These operations
are executed in the DSP stage, as shown in figure 3.10. The DSP stage is the same stage as the
MA stage in which memory access is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com