Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 194Page - Renesas Technology Corp SH7721 Datasheet HTML 195Page - Renesas Technology Corp SH7721 Datasheet HTML 196Page - Renesas Technology Corp SH7721 Datasheet HTML 197Page - Renesas Technology Corp SH7721 Datasheet HTML 198Page - Renesas Technology Corp SH7721 Datasheet HTML 199Page - Renesas Technology Corp SH7721 Datasheet HTML 200Page - Renesas Technology Corp SH7721 Datasheet HTML 201Page - Renesas Technology Corp SH7721 Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 136 of 1458
REJ09B0033-0300
Table 3.26
Correspondence between Operands and Registers
Register
Se
Sf
Dg
A0
Yes
A1
Yes
Yes
Yes
M0
Yes
M1
Yes
X0
Yes
Yes
X1
Yes
Y0
Yes
Yes
Y1
Yes
Note:
The multiply operations basically generate 32-bit operation results. So when a register
providing the guard-bit parts are specified as a destination operand, the guard-bit parts will
copy bit 31 of the operation result.
The multiply operation of the DSP unit side is not integer but fixed-point arithmetic operation. So,
the upper words of each multiplier and multiplicand are input into a MAC unit as shown in figure
3.16. In the SH’s standard multiply operations, the lower words of both source operands are input
into a MAC unit. The operation result is also different from the SH’s case. The SH’s multiply
operation result is aligned to the LSB of the destination, but the fixed-point multiply operation
result is aligned to the MSB, so that the LSB of the fixed-point multiply operation result is always
0.
The fixed-point multiply operation is executed in one cycle. Multiply is always unconditional, but
does not affect any condition code bits, DC, N, Z, V, and GT , in DSR.
• Overflow Protection
The S bit in SR is effective for this multiply operation in the DSP unit. See section 3.5.11,
Overflow Protection, for details.
If the S bit is 0, overflow occurs only when H'8000*H'8000 ((-1.0)*(-1.0)) operation is
executed as signed fixed-point multiply. The result is H'00 8000 0000 but it does not mean
(+1.0). If the S bit is 1, overflow is prevented and the result is H'00 7FFF FFFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com