Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 205Page - Renesas Technology Corp SH7721 Datasheet HTML 206Page - Renesas Technology Corp SH7721 Datasheet HTML 207Page - Renesas Technology Corp SH7721 Datasheet HTML 208Page - Renesas Technology Corp SH7721 Datasheet HTML 209Page - Renesas Technology Corp SH7721 Datasheet HTML 210Page - Renesas Technology Corp SH7721 Datasheet HTML 211Page - Renesas Technology Corp SH7721 Datasheet HTML 212Page - Renesas Technology Corp SH7721 Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 147 of 1458
REJ09B0033-0300
3.5.12
Local Data Move Instruction
The DSP unit of this LSI provides additional two independent registers, MACL and MACH, in
order to support CPU standard multiply/MAC operations. They can be also used as temporary
storage registers by local data move instructions between MACH/L and other DSP registers.
Figure 3.22 shows the flow of seven local data move instructions. Table 3.33 shows the variation
of this type of instruction.
PLDS
PSTS
Cannot be used
X0
Y0
MACH
MACL
X1
Y1
M1
A1
M0
A0
A0G
A1G
DSR
Figure 3.22 Local Data Move Instruction Flow
Table 3.33
Variation of Local Data Move Operations
Mnemonic
Function
Operand
PLDS
Data move from DSP register to MACL/MACH
Dz
PSTS
Data move from MACL/MACH to DSP register
Dz
This instruction is very similar to other transfer instructions. If either the A0 or A1 register is
specified as the destination operand of PSTS, the signed bit is sign-extended and copied into the
corresponding guard-bit parts, A0G or A1G. The DC bit in DSR and other condition code bits are
not updated regardless of the instruction result. This instruction can operate as a conditional. This
instruction can operate with MOVX and MOVY in parallel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com