Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 234 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 234 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 230Page - Renesas Technology Corp SH7721 Datasheet HTML 231Page - Renesas Technology Corp SH7721 Datasheet HTML 232Page - Renesas Technology Corp SH7721 Datasheet HTML 233Page - Renesas Technology Corp SH7721 Datasheet HTML 234Page - Renesas Technology Corp SH7721 Datasheet HTML 235Page - Renesas Technology Corp SH7721 Datasheet HTML 236Page - Renesas Technology Corp SH7721 Datasheet HTML 237Page - Renesas Technology Corp SH7721 Datasheet HTML 238Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 1524 page
background image
Section 4 Memory Management Unit (MMU)
Rev. 3.00 Jan. 18, 2008 Page 172 of 1458
REJ09B0033-0300
(2)
Physical Address Space
This LSI supports a 29-bit physical address space. As shown in figure 4.5, the physical address
space is divided into eight areas. Area 1 is mapped to the on-chip module control register area and
on-chip memory area. Area 7 is reserved.
For details on physical address space, refer to section 9, Bus State Controller (BSC).
H'0400 0000
H'0800 0000
H'0C00 0000
H'1000 0000
H'1400 0000
H'1C00 0000
H'1FFF FFFF
H'1800 0000
Area 0
Area 1
(On-chip registers and
On-chip memories)
Area 2
Area 3
Area 4
Area 5
Area 6
Area 7
(Reserved)
H'0000 0000
Figure 4.5 Physical Address Space
(3)
Address Transition
When the MMU is enabled, the virtual address space is divided into units called pages. Physical
addresses are translated in page units. Address translation tables in external memory hold
information such as the physical address that corresponds to the virtual address and memory
protection codes. When an access to area P1 or P2 occurs, there is no TLB access and the physical
address is defined uniquely by hardware. If it belongs to area P0, P3 or U0, the TLB is searched
by virtual address and, if that virtual address is registered in the TLB, the access hits the TLB. The
corresponding physical address and the page control information are read from the TLB and the
physical address is determined.
If the virtual address is not registered in the TLB, a TLB miss exception occurs and processing
will shift to the TLB miss handler. In the TLB miss handler, the TLB address translation table in
external memory is searched and the corresponding physical address and the page control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com