Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 238Page - Renesas Technology Corp SH7721 Datasheet HTML 239Page - Renesas Technology Corp SH7721 Datasheet HTML 240Page - Renesas Technology Corp SH7721 Datasheet HTML 241Page - Renesas Technology Corp SH7721 Datasheet HTML 242Page - Renesas Technology Corp SH7721 Datasheet HTML 243Page - Renesas Technology Corp SH7721 Datasheet HTML 244Page - Renesas Technology Corp SH7721 Datasheet HTML 245Page - Renesas Technology Corp SH7721 Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 1524 page
background image
Section 4 Memory Management Unit (MMU)
Rev. 3.00 Jan. 18, 2008 Page 180 of 1458
REJ09B0033-0300
31
16
11
12
17
0
Virtual address
Index
Way 0 to 3
VPN(31 to 17)
VPN(11 to 10)
ASID(7 to 0)
V
0
31
Address array
Data array
PPN(28 to 10) PR(1 to 0) SZ
C
D
SH
Figure 4.9 TLB Indexing (IX = 0)
4.3.3
TLB Address Comparison
The results of address comparison determine whether a specific virtual page number is registered
in the TLB. The virtual page number of the virtual address that accesses external memory is
compared to the virtual page number of the indexed TLB entry. The ASID within the PTEH is
compared to the ASID of the indexed TLB entry. All four ways are searched simultaneously. If
the compared values match, and the indexed TLB entry is valid (V bit
= 1), the hit is registered.
It is necessary to have software ensure that TLB hits do not occur simultaneously in more than one
way, as hardware operation is not guaranteed if this occurs. An example of setting which causes
TLB hits to occur simultaneously in more than one way is described below. It is necessary to
ensure that this kind of setting is not made by software.
1. If there are two identical TLB entries with the same VPN and a setting is made such that a
TLB hit is made only by a process with ASID = H'FF when one is in the shared state (SH = 1)
and the other in the non-shared state (SH = 0), then if the ASID in PTEH is set to H'FF, there
is a possibility of simultaneous TLB hits in both these ways.
2. If several entries which have different ASID with the same VPN are registered in single virtual
memory mode, there is the possibility of simultaneous TLB hits in more than one way when
accessing the corresponding page in privileged mode. Several entries with the same VPN must
not be registered in single virtual memory mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com