Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 256 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 252Page - Renesas Technology Corp SH7721 Datasheet HTML 253Page - Renesas Technology Corp SH7721 Datasheet HTML 254Page - Renesas Technology Corp SH7721 Datasheet HTML 255Page - Renesas Technology Corp SH7721 Datasheet HTML 256Page - Renesas Technology Corp SH7721 Datasheet HTML 257Page - Renesas Technology Corp SH7721 Datasheet HTML 258Page - Renesas Technology Corp SH7721 Datasheet HTML 259Page - Renesas Technology Corp SH7721 Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 1524 page
background image
Section 4 Memory Management Unit (MMU)
Rev. 3.00 Jan. 18, 2008 Page 194 of 1458
REJ09B0033-0300
4.6
Memory-Mapped TLB
In order for TLB operations to be managed by software, TLB contents can be read or written to in
the privileged mode using the MOV instruction. The TLB is assigned to the P4 area in the virtual
address space. The TLB address array (VPN, V bit, and ASID) is assigned to H'F200 0000 to
H'F2FF FFFF, and the data array (PPN, PR, SZ, C, D, and SH bits) to H'F300 0000 to H'F3FF
FFFF. The V bit in the address array can also be accessed from the data array. Only longword
access is possible for both the address array and the data array. However, the instruction data
cannot be fetched from both arrays.
4.6.1
Address Array
The address array is assigned to H'F200 0000 to H'F2FF FFFF. To access an address array, the 32-
bit address field (for read/write operations) and 32-bit data field (for write operations) must be
specified. The address field specifies information for selecting the entry to be accessed; the data
field specifies the VPN, V bit and ASID to be written to the address array (figure 4.14 (1)).
In the address field, specify the entry address for selecting the entry (bits 16 to 12), W for
selecting the way (bits 9 to 8) and H
′F2 to indicate address array access (bits 31 to 24). The IX bit
in MMUCR indicates whether an EX-OR is taken of the entry address and ASID.
The following two operations can be used on the address array:
1. Address array read
VPN, V, and ASID are read from the TLB entry corresponding to the entry address and way
set in the address field.
2. TLB address array write
The data specified in the data field are written to the TLB entry corresponding to the entry
address and way set in the address field.
4.6.2
Data Array
The data array is assigned to H'F300 0000 to H'F3FF FFFF. To access a data array, the 32-bit
address field (for read/write operations), and 32-bit data field (for write operations) must be
specified. The address section specifies information for selecting the entry to be accessed; the data
section specifies the longword data to be written to the data array (figure 4.14 (2)).
In the address section, specify the entry address for selecting the entry (bits 16 to 12), W for
selecting the way (bits 9 to 8), and H'F3 to indicate data array access (bits 31 to 24). The IX bit in
MMUCR indicates whether an EX-OR is taken of the entry address and ASID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com