Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 278 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 278 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 274Page - Renesas Technology Corp SH7721 Datasheet HTML 275Page - Renesas Technology Corp SH7721 Datasheet HTML 276Page - Renesas Technology Corp SH7721 Datasheet HTML 277Page - Renesas Technology Corp SH7721 Datasheet HTML 278Page - Renesas Technology Corp SH7721 Datasheet HTML 279Page - Renesas Technology Corp SH7721 Datasheet HTML 280Page - Renesas Technology Corp SH7721 Datasheet HTML 281Page - Renesas Technology Corp SH7721 Datasheet HTML 282Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 1524 page
background image
Section 6 X/Y Memory
Rev. 3.00 Jan. 18, 2008 Page 216 of 1458
REJ09B0033-0300
6.3.3
MMU and Cache Settings
When the X/Y memory is accessed via the I bus using the cache from the CPU and DSP, correct
operation cannot be guaranteed. If the X/Y memory is accessed while the cache is enabled
(CCR1.CE = 1), it is advisable to access the X/Y memory via the L bus from space P2 or Uxy. If
the X/Y memory is accessed from space P0, P3, or U0, it is advisable to access the X/Y memory
via the I bus, which does not use the cache, with MMU setting enabled (MMUCR.AT = 1) and
cache disabled (C bit = 0) as page attributes. Since access using the MMU occurs via the I bus,
several cycles are necessary (the number of necessary cycles varies according to the ratio between
the internal clock (I
φ) and bus clock (Bφ) or the operation state of the DMAC). In a program that
requires high performance, it is advisable to access the X/Y memory from space P2 or Uxy. The
relationship described above is summarized in table 6.2.
Table 6.2
MMU and Cache Settings
Setting
Virtual Address Space and Access Enabled or Disabled
CCR1.CE
MMUCR.AT
P0, U0
P1
P2, Uxy
P3
0
0
B
B
A
B
0
1
B
B
A
B
1
0
X
X
A
X
1
1
C
X
A
C
Note:
A: Accessible (recommended)
B: Accessible
C: Accessible (Note that MMU page attribute must be specified as cache disabled by
clearing the C bit to 0.)
X: Not accessible
6.3.4
Sleep Mode
In sleep mode, I bus master modules such as the DMAC cannot access the X/Y memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com