Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 279Page - Renesas Technology Corp SH7721 Datasheet HTML 280Page - Renesas Technology Corp SH7721 Datasheet HTML 281Page - Renesas Technology Corp SH7721 Datasheet HTML 282Page - Renesas Technology Corp SH7721 Datasheet HTML 283Page - Renesas Technology Corp SH7721 Datasheet HTML 284Page - Renesas Technology Corp SH7721 Datasheet HTML 285Page - Renesas Technology Corp SH7721 Datasheet HTML 286Page - Renesas Technology Corp SH7721 Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 1524 page
background image
Section 7 Exception Handling
Rev. 3.00 Jan. 18, 2008 Page 221 of 1458
REJ09B0033-0300
7.2
Exception Handling Function
7.2.1
Exception Handling Flow
In exception handling, the contents of the program counter (PC) and status register (SR) are saved
in the saved program counter (SPC) and saved status register (SSR), respectively, and execution of
the exception handler is invoked from a vector address. By executing the return from exception
handler (RTE) in the exception handler routine, it restores the contents of PC and SR, and returns
to the processor state at the point of interruption and the address where the exception occurred.
A basic exception handling sequence consists of the following operations. If an exception occurs
and the CPU accepts it, operations 1 to 8 are executed.
1.
The contents of PC is saved in SPC.
2.
The contents of SR is saved in SSR.
3.
The block (BL) bit in SR is set to 1, masking any subsequent exceptions.
4.
The mode (MD) bit in SR is set to 1 to place the privileged mode.
5.
The register bank (RB) bit in SR is set to 1.
6.
An exception code identifying the exception event is written to bits 11 to 0 of the exception
event register (EXPEVT); an exception code identifying the interrupt request is written to bits
11 to 0 of the interrupt event register (INTEVT) or interrupt event register 2 (INTEVT2).
7.
If a TRAPA instruction is executed, an 8-bit immediate data specified by the TRAPA
instruction is set to TRA. For an exception related to memory accesses, the logic address
where the exception occurred is written to TEA.*
1
8.
Instruction execution jumps to the designated exception vector address to invoke the handler
routine.
The above operations from 1 to 8 are executed in sequence. During these operations, no other
exceptions may be accepted unless multiple exception acceptance is enabled.
In an exception handling routine for a general exception, the appropriate exception handling must
be executed based on an exception source determined by the EXPEVT. In an interrupt exception
handling routine, the appropriate exception handling must be executed based on an exception
source determined by the INTEVT or INTEVT2. After the exception handling routine has been
completed, program execution can be resumed by executing an RTE instruction. The RTE
instruction causes the following operations to be executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com