Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 296 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 296 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 292Page - Renesas Technology Corp SH7721 Datasheet HTML 293Page - Renesas Technology Corp SH7721 Datasheet HTML 294Page - Renesas Technology Corp SH7721 Datasheet HTML 295Page - Renesas Technology Corp SH7721 Datasheet HTML 296Page - Renesas Technology Corp SH7721 Datasheet HTML 297Page - Renesas Technology Corp SH7721 Datasheet HTML 298Page - Renesas Technology Corp SH7721 Datasheet HTML 299Page - Renesas Technology Corp SH7721 Datasheet HTML 300Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 1524 page
background image
Section 7 Exception Handling
Rev. 3.00 Jan. 18, 2008 Page 234 of 1458
REJ09B0033-0300
7.4
Exception Processing While DSP Extension Function is Valid
When the DSP extension function is valid (the DSP bit in SR is set to 1), some exception
processing acceptance conditions or exception processing may be changed.
7.4.1
Illegal Instruction Exception and Illegal Slot Instruction Exception
In the DSP mode, a DSP extension instruction can be executed. If a DSP extension instruction is
executed when the DSP bit in SR is cleared to 0 (in a mode other than the DSP mode), an illegal
instruction exception occurs.
In the DSP mode, STC and LDC instructions for the SR register can be executed even in user
mode. (Note, however, that only the RC[11:0], DMX, DMY, and RF[1:0] bits in the DSP
extension bits can be changed.)
7.4.2
CPU Address Error
In the DSP mode, a part of the space P2 (Uxy area: H'A5000000 to H'A5FFFFFF) can be accessed
in user mode and no CPU address error will occur even if the area is accessed.
7.4.3
Exception in Repeat Control Period
If an exception is requested or an exception is accepted during repeat control, the exception may
not be accepted correctly or a program execution may not be returned correctly from exception
processing that is different from the normal state. These restrictions may occur from repeat
detection instruction to repeat end instruction while the repeat counter is 1 or more. In this section,
this period is called the repeat control period.
The following shows program examples where the number of instructions in the repeat loop are 4
or more, 3, 2, and 1, respectively. In this section, a repeat detection instruction and its instruction
address are described as RptDtct. The first, second, and third instructions following the repeat
detection instruction are described as RptDtct1, RptDtct2, and RptDtct3. In addition, [A], [B],
[C1], and [C2] in the following examples indicate instructions where a restriction occurs. Table
7.2 summarizes the instruction positions and restriction types.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com