Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA85133U/2DA/Q1 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA85133U/2DA/Q1
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85133U/2DA/Q1 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA85133U/2DA/Q1 Datasheet HTML 10Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 11Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 12Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 13Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 14Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 15Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 16Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 17Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
PCA85133_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 23 October 2009
14 of 44
NXP Semiconductors
PCA85133
Universal LCD driver for low multiplex rates
7.8 Segment outputs
The LCD drive section includes 80 segment outputs (S0 to S79) which must be connected
directly to the LCD. The segment output signals are generated in accordance with the
multiplexed backplane signals and with data residing in the display register. When less
than 80 segment outputs are required the unused segment outputs must be left
open-circuit.
7.9 Backplane outputs
The LCD drive section includes four backplane outputs: BP0 to BP3. The backplane
output signals are generated in accordance with the selected LCD drive mode.
• In the 1:4 multiplex drive mode BP0 to BP3 must be connected directly to the LCD.
If less than four backplane outputs are required the unused outputs can be left
open-circuit.
• In 1:3 multiplex drive mode: BP3 carries the same signal as BP1; therefore, these two
adjacent outputs can be tied together to give enhanced drive capabilities.
• In 1:2 multiplex drive mode: BP0 and BP2, BP1 and BP3 respectively carry the same
signals and can also be paired to increase the drive capabilities.
• In static drive mode: The same signal is carried by all four backplane outputs; and
they can be connected in parallel for very high drive requirements.
7.10 Display RAM
The display RAM is a static 80
× 4 bit RAM which stores LCD data. A logic 1 in the RAM
bit map indicates the on-state of the corresponding LCD element; similarly, a logic 0
indicates the off-state. There is a one-to-one correspondence between the RAM
addresses and the segment outputs and between the individual bits of a RAM word and
the backplane outputs. The display RAM bit map Figure 9 shows rows 0 to 3 which
correspond with the backplane outputs BP0 to BP3, and columns 0 to 79 which
correspond with the segment outputs S0 to S79. In multiplexed LCD applications the
segment data of the first, second, third and fourth row of the display RAM are
time-multiplexed with BP0, BP1, BP2, and BP3 respectively.
The display RAM bitmap shows the direct relationship between the display RAM addresses and
the segment outputs and between the bits in a RAM word and the backplane outputs.
Fig 9.
Display RAM bitmap
0
0
1
2
3
1
2
3
4
75
76
77
78
79
display RAM addresses/segment outputs (S)
display RAM rows/
backplane outputs
(BP)
013aaa214
columns
rows



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com