| Electronic Components Datasheet Search |
|
PCA85133U/2DA/Q1 Datasheet(PDF) 31 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA85133U/2DA/Q1 Datasheet(HTML) 31 Page - NXP Semiconductors |
|
31 / 44 page ![]() PCA85133_1 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 — 23 October 2009 31 of 44 NXP Semiconductors PCA85133 Universal LCD driver for low multiplex rates For display sizes that are not multiple of 320 elements, a mixed cascaded system can be considered containing only devices like PCA85133 and PCA85132. Depending on the application, one must take care of the software command and pin connection compatibility. Only one master but multiple slaves are allowed in a cascade. No external clock should be used; the slaves get the clock from the master. The SYNC line is provided to maintain the correct synchronization between all cascaded PCA85133. This synchronization is guaranteed after the power-on reset. The only time that SYNC is likely to be needed is if synchronization is accidentally lost (e.g. by noise in adverse electrical environments or by the definition of a multiplex drive mode when PCA85133 with different SA0 levels are cascaded). SYNC is organized as an input/output pin; The output selection is realized as an open-drain driver with an internal pull-up resistor. A PCA85133 asserts the SYNC line at the onset of its last active backplane signal and monitors the SYNC line at all other times. If synchronization in the cascade is lost, it is restored by the first PCA85133 to assert SYNC. The timing relationships between the backplane waveforms and the SYNC signal for the various drive modes of the PCA85133 are shown in Figure 21. (1) Is master (OSC connected to VSS). (2) Is slave (OSC connected to VDD). Fig 20. Cascaded PCA85133 configuration HOST MICRO- PROCESSOR/ MICRO- CONTROLLER SDA SCL CLK OSC SYNC 4 backplanes 80 segment drives LCD PANEL (up to 5120 elements) PCA85133 (1) A0 A1 A2 SA0 VSS VSS VSS VDD VDD VLCD VLCD VLCD 013aaa047 SDA SDAACK SDAACK SCL SYNC CLK OSC FF FF BP0 to BP3 (open-circuit) A0 A1 A2 SA0 PCA85133 (2) BP0 to BP3 R tr 2Cb ≤ VDD 80 segment drives |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |