Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA85133U/2DA/Q1 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCA85133U/2DA/Q1
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85133U/2DA/Q1 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCA85133U/2DA/Q1 Datasheet HTML 23Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 24Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 25Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 26Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 27Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 28Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 29Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 30Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
PCA85133_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 23 October 2009
27 of 44
NXP Semiconductors
PCA85133
Universal LCD driver for low multiplex rates
10. Static characteristics
[1]
LCD outputs are open-circuit; inputs at VSS or VDD; external clock with 50 % duty factor; I2C-bus inactive.
[2]
Not tested, design specification only.
[3]
Outputs measured individually and sequentially.
Table 16.
Static characteristics
VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 2.5 V to 8.0 V; Tamb = −40 °C to +95 °C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
VLCD ≤ 6.5 V
1.8
-
5.5
V
VLCD > 6.5 V
2.5
-
5.5
V
VLCD
LCD supply voltage
VDD ≥ 2.5 V
2.5
-
8.0
V
VDD < 2.5 V
2.5
-
6.5
V
VPOR
power-on reset voltage
1.0
1.3
1.6
V
IDD(LCD) LCD supply current
fclk(ext) = 1536 Hz
[1] -16
60
µA
IDD
supply current
fclk(ext) = 1536 Hz
[1] -2
20
µA
Logic
VI
input voltage
VSS − 0.5 -
VDD + 0.5 V
VIH
HIGH-level input voltage
on pins CLK, SYNC, OSC, A0 to A2, SA0, FF
0.7VDD
-VDD
V
VIL
LOW-level input voltage
on pins CLK, SYNC, OSC, A0 to A2, SA0, FF
VSS
-
0.3VDD
V
VOH
HIGH-level output voltage
0.8VDD
--
V
VOL
LOW-level output voltage
-
-
0.2VDD
V
IOH
HIGH-level output current on pin CLK; VOH = 4.6 V; VDD =5V
+1
-
-
mA
IOL
LOW-level output current
on pin CLK, SYNC; VOL = 0.4 V; VDD =5V
-
-
−1mA
IL
leakage current
on pins OSC, CLK, SCL, SDA, A0 to A2, SA0,
FF; VI =VDD or VSS
−1-
+1
µA
CI
input capacitance
[2] --
7
pF
I2C-bus
Input on pins SDA and SCL
VI
input voltage
VSS − 0.5 -
5.5
V
VIH
HIGH-level input voltage
0.7VDD
-
5.5
V
VIL
LOW-level input voltage
VSS
-
0.3VDD
V
CI
input capacitance
[2] --
7
pF
IOL(SDA) LOW-level output current
on pin SDA
VOL = 0.4 V; VDD = 5 V
+3
-
-
mA
LCD outputs
∆VO
output voltage variation
on pin BPx; Cbpl = 35 nF
−100
-
+100
mV
on pin Sx; Csgm = 5 nF
−100
-
+100
mV
RO
output resistance
VLCD = 5 V
on pin BPx
[3] -
1.5
10
k
Ω
on pin Sx
[3] -
6.0
13.5
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com