Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA85133U/2DA/Q1 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCA85133U/2DA/Q1
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85133U/2DA/Q1 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCA85133U/2DA/Q1 Datasheet HTML 18Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 19Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 20Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 21Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 22Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 23Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 24Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 25Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
PCA85133_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 23 October 2009
22 of 44
NXP Semiconductors
PCA85133
Universal LCD driver for low multiplex rates
The command bytes and control bytes are also acknowledged by all addressed
PCA85133 connected to the bus.
The display bytes are stored in the display RAM at the address specified by the data
pointer and the subaddress counter. Both data pointer and subaddress counter are
automatically updated.
The acknowledgement after each byte is made only by the (A0, A1, and A2) addressed
PCA85133. After the last display byte, the I2C-bus master issues a STOP condition (P).
Alternatively a START may be asserted to RESTART an I2C-bus access.
Fig 16. Control byte format
Table 8.
Control byte description
Bit
Symbol
Value
Description
7CO
continue bit
0
last control byte
1
control bytes continue
6RS
register selection
0
command register
1
data register
5 to 0
-
not relevant
mgl753
not relevant
CO
7
6
5
4
3
210
RS
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com