Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA85133U/2DA/Q1 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCA85133U/2DA/Q1
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85133U/2DA/Q1 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCA85133U/2DA/Q1 Datasheet HTML 29Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 30Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 31Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 32Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 33Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 34Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 35Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 36Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
PCA85133_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 23 October 2009
33 of 44
NXP Semiconductors
PCA85133
Universal LCD driver for low multiplex rates
13. Bare die description
13.1 General description
[1]
Pressure of diamond head: 10 g to 50 g.
13.2 Alignment marks
Table 20.
Gold bump hardness
Type number
Min
Max
Unit[1]
PCA85133U/2DA/Q1
60
120
HV
PCA85133U/2DB/Q1
35
80
HV
The approximate positions of the alignment marks are shown in Figure 23.
Fig 22. Alignment marks of PCA85133
Table 21.
Alignment mark locations
All x/y coordinates represent the position of the REF point (see Figure 22) with respect to the center
(x/y = 0) of the chip; see Figure 23.
Symbol
Size (
µm)
X (
µm)
Y (
µm)
S1
81
× 81
−1916.1
45
C1
81
× 81
1855.8
45
001aah849
REF
REF
C1
S1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com