Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA85133U/2DA/Q1 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCA85133U/2DA/Q1
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85133U/2DA/Q1 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCA85133U/2DA/Q1 Datasheet HTML 36Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 37Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 38Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 39Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 40Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 41Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 42Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 43Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 44Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
PCA85133_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 23 October 2009
40 of 44
NXP Semiconductors
PCA85133
Universal LCD driver for low multiplex rates
The orientation of the IC in a pocket is indicated by the position of the IC type name on the
die surface with respect to the chamfer on the upper left corner of the tray (see Figure 25).
Refer to the bump location diagram (see Figure 23) for the orientation and position of the
type name on the die surface.
Table 23.
Tray dimensions of PCA85133 tray
See Figure 24.
Symbol
Description
Value
A
pocket pitch in x direction
6.3 mm
B
pocket pitch in y direction
3 mm
C
pocket width in x direction
4.26 mm
D
pocket width in y direction
1.17 mm
E
tray width in x direction
50.8 mm
F
tray width in y direction
50.8 mm
N
number of pockets, x direction
7
M
number of pockets, y direction
15
Fig 25. Tray alignment for PCA85133 tray
001aaj643
marking code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com