Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA85133U/2DA/Q1 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCA85133U/2DA/Q1
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85133U/2DA/Q1 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCA85133U/2DA/Q1 Datasheet HTML 14Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 15Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 16Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 17Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 18Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 19Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 20Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 21Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
PCA85133_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 23 October 2009
18 of 44
NXP Semiconductors
PCA85133
Universal LCD driver for low multiplex rates
An additional feature is for an arbitrary selection of LCD segments to blink. This applies to
the static and 1:2 multiplex drive modes and can be implemented without any
communication overheads. By means of the output bank selector, the displayed RAM
banks are exchanged with alternate RAM banks at the blink frequency. This mode can
also be specified by the blink-select command.
In the 1:3 and 1:4 multiplex modes, where no alternate RAM bank is available, groups of
LCD segments can blink by selectively changing the display RAM data at fixed time
intervals.
If the entire display can blink at a frequency other then the typical blink frequency. This
can be effectively performed by resetting and setting the display enable bit E at the
required rate using the mode-set command (see Table 10).
7.16 Characteristics of the I2C-bus
The I2C-bus is for bidirectional, two-line communication between different ICs or modules.
The two lines are a Serial Data line (SDA) and a Serial Clock Line (SCL). Both lines must
be connected to a positive supply via a pull-up resistor when connected to the output
stages of a device. Data transfer may be initiated only when the bus is not busy.
By connecting pin SDAACK to pin SDA on the PCA85133, the SDA line becomes fully
I2C-bus compatible. In COG applications where the track resistance from the SDAACK pin
to the system SDA line can be significant, possibly a voltage divider is generated by the
bus pull-up resistor and the Indium Tin Oxide (ITO) track resistance. As a consequence it
may be possible that the acknowledge generated by the PCA85133 can’t be interpreted
as logic 0 by the master. In COG applications where the acknowledge cycle is required, it
is therefore necessary to minimize the track resistance from the SDAACK pin to the
system SDA line to guarantee a valid LOW level.
By separating the acknowledge output from the serial data line (having the SDAACK open
circuit) design efforts to generate a valid acknowledge level can be avoided. However, in
that case the I2C-bus master has to be set up in such a way that it ignores the
acknowledge cycle.2
The following definition assumes SDA and SDAACK are connected and refers to the pair
as SDA.
Table 7.
Blink frequencies
Blink mode
Operating mode ratio
Blink frequency with respect to fclk (typical)
Unit
fclk = 1.970 kHz
fclk = 2.640 kHz
off
-
blinking off
blinking off
Hz
1
2.5
3.5
Hz
2
1.3
1.7
Hz
3
0.6
0.9
Hz
f
clk
768
---------
f
clk
1536
------------
f
clk
3072
------------
2.
For further information, please consider the NXP application note: Ref. 1 “AN10170”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com