Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA85133U/2DA/Q1 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCA85133U/2DA/Q1
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85133U/2DA/Q1 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCA85133U/2DA/Q1 Datasheet HTML 22Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 23Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 24Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 25Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 26Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 27Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 28Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 29Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
PCA85133_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 23 October 2009
26 of 44
NXP Semiconductors
PCA85133
Universal LCD driver for low multiplex rates
9.
Limiting values
[1]
Stresses above these values listed may cause permanent damage to the device.
[2]
Pass level; Human Body Model (HBM) according to Ref. 5 “JESD22-A114”.
[3]
Pass level; Machine Model (MM), according to Ref. 6 “JESD22-A115”.
[4]
Pass level; latch-up testing, according to Ref. 7 “JESD78” at maximum ambient temperature
(Tamb(max) = +95 °C).
[5]
According to the NXP store and transport requirements (see Ref. 9 “NX3-00092”) the devices have to be
stored at a temperature of +8
°Cto+45 °C and a humidity of 25 % to 75 %. For long term storage products
deviant conditions are described in that document.
CAUTION
Static voltages across the liquid crystal display can build up when the LCD supply voltage
(VLCD) is on while the IC supply voltage (VDD) is off, or vice versa. This may cause unwanted
display artifacts. To avoid such artifacts, VLCD and VDD must be applied or removed together.
Table 15.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+6.5
V
VLCD
LCD supply voltage
−0.5
+9.0
V
Vi(n)
voltage on any input
VDD related inputs
−0.5
+6.5
V
Vo(n)
voltage on any output
VLCD related outputs
−0.5
+9.0
V
II
input current
−10
+10
mA
IO
output current
−10
+10
mA
IDD
supply current
−50
+50
mA
ISS
ground supply current
−50
+50
mA
IDD(LCD)
LCD supply current
−50
+50
mA
Ptot
total power dissipation
-
400
mW
P/out
power dissipation per output
-
100
mW
VESD
electrostatic discharge voltage
Human Body Model
[2] -
±4500
V
Machine Model
[3] -
±250
V
Ilu
latch-up current
[4] -
200
mA
Tstg
storage temperature
[5]
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com