Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA85133U/2DA/Q1 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA85133U/2DA/Q1
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85133U/2DA/Q1 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA85133U/2DA/Q1 Datasheet HTML 13Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 14Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 15Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 16Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 17Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 18Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 19Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 20Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
PCA85133_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 23 October 2009
17 of 44
NXP Semiconductors
PCA85133
Universal LCD driver for low multiplex rates
7.12 Subaddress counter
The storage of display data is conditioned by the content of the subaddress counter.
Storage is allowed only when the content of the subaddress counter match with the
hardware subaddress applied to A0, A1, and A2. The subaddress counter value is defined
by the device-select command (see Table 12). If the content of the subaddress counter
and the hardware subaddress do not match, then data storage is inhibited but the data
pointer is incremented as if data storage had taken place. The subaddress counter is also
incremented when the data pointer overflows.
The storage arrangements described lead to extremely efficient data loading in cascaded
applications. When a series of display bytes are sent to the display RAM, automatic
wrap-over to the next PCA85133 occurs when the last RAM address is exceeded.
Subaddressing across device boundaries is successful even if the change to the next
device in the cascade occurs within a transmitted character (such as during the 27th
display data byte transmitted in 1:3 multiplex mode).
The hardware subaddress must not be changed whilst the device is being accessed on
the I2C-bus interface.
7.13 Output bank selector
The output bank selector selects one of the four rows per display RAM address for
transfer to the display register. The actual row selected depends on the particular LCD
drive mode in operation and on the instant in the multiplex sequence.
• In 1:4 multiplex mode, all RAM addresses of row 0 are selected, these are followed by
the contents of row 1, row 2, and then row 3
• In 1:3 multiplex mode, rows 0, 1, and 2 are selected sequentially
• In 1:2 multiplex mode, rows 0 and 1 are selected
• In static mode, row 0 is selected
The PCA85133 includes a RAM bank switching feature in the static and 1:2 multiplex drive
modes. In the static drive mode, the bank-select command may request the contents of
row 2 to be selected for display instead of the contents of row 0. In the 1:2 mode, the
contents of rows 2 and 3 may be selected instead of rows 0 and 1. This gives the
provision for preparing display information in an alternative bank and to be able to switch
to it once it is assembled.
7.14 Input bank selector
The input bank selector loads display data into the display RAM in accordance with the
selected LCD drive configuration. Display data can be loaded in row 2 in static drive mode
or in rows 2 and 3 in 1:2 multiplex drive mode by using the bank-select command. The
input bank selector functions independently to the output bank selector.
7.15 Blinking
The display blink capabilities of the PCA85133 are very versatile. The whole display can
blink at frequencies selected by the blink-select command (see Table 14). The blink
frequencies are fractions of the clock frequency. The ratios between the clock and blink
frequencies depend on the blink mode selected (see Table 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com