Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA85133U/2DA/Q1 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCA85133U/2DA/Q1
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85133U/2DA/Q1 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCA85133U/2DA/Q1 Datasheet HTML 24Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 25Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 26Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 27Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 28Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 29Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 30Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 31Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
PCA85133_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 23 October 2009
28 of 44
NXP Semiconductors
PCA85133
Universal LCD driver for low multiplex rates
11. Dynamic characteristics
[1]
Typical output duty cycle of 50 %.
[2]
The corresponding frame frequency is
.
[3]
All timing values are valid within the operating supply voltage and ambient temperature range and are referenced to VIL and VIH with an
input voltage swing of VSS to VDD.
[4]
For I2C-bus timings see Figure 19.
Table 17.
Dynamic characteristics
VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 2.5 V to 8.0 V; Tamb = −40 °C to +95 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Clock
Internal: output pin CLK
fclk
clock frequency
pin FF = VDD
[1][2] 1440
1970
2640
Hz
pin FF = VSS
[1][2] 1920
2640
3600
Hz
ffr
frame frequency
pin FF = VDD
60
82
110
Hz
pin FF = VSS
80
110
150
Hz
External: input pin CLK
fclk(ext)
external clock frequency
[2] 800
-
5000
Hz
tclk(H)
HIGH-level clock time
90
-
-
µs
tclk(L)
LOW-level clock time
90
-
-
µs
Synchronization: input pin SYNC
tPD(SYNC_N) SYNC propagation delay
-
30
-
ns
tSYNC_NL
SYNC LOW time
1
-
-
µs
Outputs: pins BP0 to BP3 and S0 to S79
tPD(drv)
driver propagation delay
VLCD = 5 V
-
-
30
µs
I2C-bus: timing[3][4]
Pin SCL
fSCL
SCL clock frequency
-
-
400
kHz
tHIGH
HIGH period of the SCL clock
0.6
-
-
µs
tLOW
LOW period of the SCL clock
1.3
-
-
µs
Pin SDA
tSU;DAT
data set-up time
100
-
-
ns
tHD;DAT
data hold time
0
-
-
ns
Pins SCL and SDA
tBUF
bus free time between a STOP and START condition
1.3
-
-
µs
tSU;STO
set-up time for STOP condition
0.6
-
-
µs
tHD;STA
hold time (repeated) START condition
0.6
-
-
µs
tSU;STA
set-up time for a repeated START condition
0.6
-
-
µs
tr
rise time of both SDA and SCL signals
-
-
0.3
µs
tf
fall time of both SDA and SCL signals
-
-
0.3
µs
Cb
capacitive load for each bus line
-
-
400
pF
tw(spike)
spike pulse width
on bus
-
-
50
ns
f
fr
f
clk
24
---------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com