Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA85133U/2DA/Q1 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCA85133U/2DA/Q1
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85133U/2DA/Q1 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCA85133U/2DA/Q1 Datasheet HTML 20Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 21Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 22Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 23Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 24Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 25Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 26Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 27Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
PCA85133_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 23 October 2009
24 of 44
NXP Semiconductors
PCA85133
Universal LCD driver for low multiplex rates
[1]
The bank-select command has no effect in 1:3 or 1:4 multiplex drive modes.
[1]
Normal blinking can only be selected in multiplex drive mode 1:3 or 1:4.
[2]
For the blink frequencies, see Table 7.
7.18 Display controller
The display controller executes the commands identified by the command decoder. It
contains the status registers and coordinates their effects. The display controller also
loads the display data into the display RAM as required by the storage order.
Table 13.
Bank-select command bit description[1]
See Section 7.10, Section 7.11, Section 7.12, Section 7.13 and Section 7.14.
Bit
Symbol
Value
Description
Static
1:2 multiplex
7 to 2
-
111110
fixed value
1I
input bank selection: storage of arriving display data
0
RAM bit 0
RAM bits 0 and 1
1
RAM bit 2
RAM bits 2 and 3
0O
output bank selection: retrieval of LCD display data
0
RAM bit 0
RAM bits 0 and 1
1
RAM bit 2
RAM bits 2 and 3
Table 14.
Blink-select command bit description
See Section 7.15.
Bit
Symbol
Value
Description
7 to 3
-
11110
fixed value
2A
blink mode selection[1]
0
normal blinking
1
blinking by alternating display RAM banks
1 to 0
BF[1:0]
blink frequency selection[2]
00
off
01
1
10
2
11
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com