Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA85133U/2DA/Q1 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCA85133U/2DA/Q1
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85133U/2DA/Q1 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCA85133U/2DA/Q1 Datasheet HTML 19Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 20Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 21Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 22Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 23Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 24Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 25Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 26Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
PCA85133_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 23 October 2009
23 of 44
NXP Semiconductors
PCA85133
Universal LCD driver for low multiplex rates
7.17 Command decoder
The command decoder identifies command bytes that arrive on the I2C-bus. The
commands available to the PCA85133 are defined in Table 9.
[1]
The possibility to disable the display allows implementation of blinking under external control.
Table 9.
Definition of commands
Command
Operation code
Reference
Bit
7
6
5
4
3
2
1
0
mode-set
1
100E
B
M1
M0
Table 10
load-data-pointer
0
P6
P5
P4
P3
P2
P1
P0
Table 11
device-select
1
1100A2
A1
A0
Table 12
bank-select
1
11110I
O
Table 13
blink-select
1
1110A
BF1
BF0
Table 14
Table 10.
Mode-set command bit description
Bit
Symbol
Value
Description
7 to 4
-
1100
fixed value
3E
display status[1]
0
disabled (blank)
1
enabled
2B
LCD bias configuration
0
1
⁄3 bias
1
1
⁄2 bias
1 to 0
M[1:0]
LCD drive mode selection
01
static; 1 backplane
10
1:2 multiplex; 2 backplanes
11
1:3 multiplex; 3 backplanes
00
1:4 multiplex; 4 backplanes
Table 11.
Load-data-pointer command bit description
See Section 7.11.
Bit
Symbol
Value
Description
7
-
0
fixed value
6 to 0
P[6:0]
0000000 to
1001111
7-bit binary value of 0 to 79, transferred to the data pointer to
define one of 80 display RAM addresses
Table 12.
Device-select command bit description
See Section 7.12.
Bit
Symbol
Value
Description
7 to 3
-
11100
fixed value
2 to 0
A[2:0]
000 to 111
3-bit binary value of 0 to 7, transferred to the subaddress
counter to define one of 8 hardware subaddresses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com