Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA85133U/2DA/Q1 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCA85133U/2DA/Q1
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85133U/2DA/Q1 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCA85133U/2DA/Q1 Datasheet HTML 34Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 35Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 36Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 37Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 38Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 39Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 40Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 41Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
PCA85133_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 23 October 2009
38 of 44
NXP Semiconductors
PCA85133
Universal LCD driver for low multiplex rates
14. Bare die outline
Fig 23. Bare die outline of PCA85133
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
PCA85133
pca85133_do
09-08-18
09-09-24
Unit
mm
max
nom
min
0.40
0.018
0.015
0.012
4.156 1.069 0.054 0.2026
A(1)
Dimensions
Note
1. Dimension not drawn to scale.
Bare die; 110 bumps; 4.16 x 1.07 x 0.40 mm
PCA85133
A1(1)
0.388
0.385
0.382
A2(1)
b(1)
0.0338
DE
e(1)
e1(1)
L(1)
0.090
0
1
2 mm
scale
X
detail Y
b
e
L
e1
Y
110
97
40
96
41
0
0
D
E
PC85133-1
+y
+x
detail X
A2
A
A1
- - -
- - -
- - -
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com