Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7678SPW Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7678SPW
Description  12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7678SPW Datasheet(HTML) 35 Page - Texas Instruments

Back Button DAC7678SPW Datasheet HTML 31Page - Texas Instruments DAC7678SPW Datasheet HTML 32Page - Texas Instruments DAC7678SPW Datasheet HTML 33Page - Texas Instruments DAC7678SPW Datasheet HTML 34Page - Texas Instruments DAC7678SPW Datasheet HTML 35Page - Texas Instruments DAC7678SPW Datasheet HTML 36Page - Texas Instruments DAC7678SPW Datasheet HTML 37Page - Texas Instruments DAC7678SPW Datasheet HTML 38Page - Texas Instruments DAC7678SPW Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
DAC7678
www.ti.com
SBAS493A – FEBRUARY 2010 – REVISED AUGUST 2010
POWER-ON RESET TO ZERO-SCALE OR
Alternatively, all DAC outputs can be updated
MID-SCALE
simultaneously using the built-in LDAC software
function. The LDAC register offers additional flexibility
The DAC7678 contains a power-on reset (POR)
and control, giving the ability to select which DAC
circuit
that
controls
the
output
voltage
during
channel(s) should be updated simultaneously when
power-on.
For
devices
housed
in
the
TSSOP
the hardware LDAC pin is being brought low. The
package, at power-on, all DAC registers are filled with
LDAC register is loaded with an 8-bit word (DB15 to
zeros and the output voltages of all DAC channels
DB8) using control bits C3, C2, C1, and C0. The
are set to zero-scale. For devices housed in the QFN
default value for each bit, and therefore each DAC
package, all DAC registers are set to have all DAC
channel, is zero and the external LDAC pin operates
channels power on depending of the state of the
in normal mode. If the LDAC register bit for a
RSTSEL pin.
selected DAC channel is set to '1', that DAC channel
ignores the external LDAC pin and updates only
The RSTSEL pin value is read at power-on and
through the software LDAC command. If, however,
should be set prior to or simultaneously with AVDD.
the LDAC register bit is set to '0', the DAC channel is
For RSTSEL set to AVDD, the DAC channels are
controlled by the external LDAC pin.
loaded with midscale code. If RSTSEL is set to
ground, the DAC channels are loaded with zero-scale
This
combination
of
a
software
and
hardware
code. All DAC channels remain in this state until a
simultaneous update function is particularly useful in
valid write sequence and load command are sent to
applications where only selective DAC channels are
the respective DAC channel. The power-on reset
to be updated simultaneously, while keeping the other
function is useful in applications where it is important
channels unaffected and updating those channels
to know the output state of each DAC while the
synchronously.
device is in the process of powering on.
The internal reference is powered off/down by default,
POWER-DOWN MODES
and remains that way until a valid reference-change
The DAC7678 has two separate sets of power-down
command is executed.
commands. One set is for the DAC channels and the
other set is for the internal reference. For more
LDAC FUNCTIONALITY
information on powering down the reference see the
Enable/Disable Internal Reference section.
The DAC7678 offers both software and hardware
simultaneous updates and control functions. The
DAC Power-Down Commands
DAC double-buffered architecture is designed so that
new data can be entered for each DAC without
The DAC7678 uses four modes of operation. These
disturbing the analog outputs.
modes are accessed by using control bits C3, C2,
C1, and C0. The control bits must be set to '0100'.
The DAC7678 data updates can be performed either
When the control bits are set correctly, the four
in synchronous or asynchronous mode.
different
power-down
modes
are
software
In synchronous mode, data are updated on the falling
programmable by setting bits PD0 (DB13) and PD1
edge of the acknowledge signal that follows LSDB.
(DB14) in the control register. Table 19 shows how to
For synchronous mode updates, the LDAC pin is not
control the operating mode with data bits PD0 (DB13)
required
and
must
be
connected
to
GND
and
PD1
(DB14).
The
DAC7678
treats
the
permanently.
power-down condition as data; all the operational
modes are still valid for power down. It is possible to
In asynchronous mode, the LDAC pin is used as a
broadcast
a
power-down
condition
to
all
the
negative-edge-triggered
timing
signal
for
DAC7678s in a system. It is also possible to
asynchronous DAC updates. Multiple single-channel
power-down a channel and update data on other
updates can be performed in order to set different
channels. Furthermore, it is possible to write to the
channel buffers to desired values and then make a
DAC register/buffer of the DAC channel that is
falling edge on the LDAC pin. The data buffers of all
powered down. When the DAC channel is then
the channels must be loaded with the desired data
powered on, it will contain this new value.
before an LDAC falling edge. After a high-to-low
LDAC
transition,
all
DACs
are
simultaneously
When both the PD0 and PD1 bits are set to '0', the
updated with the last contents of the corresponding
device works normally with its typical consumption of
data buffers. If the contents of a data buffer are not
1.49 mA at 5.5V. The reference is included with the
changed by the serial interface, the corresponding
operation of all eight channels. However, for the three
DAC output remains unchanged after the LDAC
power-down modes, the supply current falls to 0.42
trigger.
µA at 5.5V (0.25 µA at 2.7V). Not only does the
supply current fall, but the output stage also switches
internally from the output amplifier to a resistor
network of known values as shown in Figure 93.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): DAC7678



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com