Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7678SPW Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7678SPW
Description  12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7678SPW Datasheet(HTML) 26 Page - Texas Instruments

Back Button DAC7678SPW Datasheet HTML 22Page - Texas Instruments DAC7678SPW Datasheet HTML 23Page - Texas Instruments DAC7678SPW Datasheet HTML 24Page - Texas Instruments DAC7678SPW Datasheet HTML 25Page - Texas Instruments DAC7678SPW Datasheet HTML 26Page - Texas Instruments DAC7678SPW Datasheet HTML 27Page - Texas Instruments DAC7678SPW Datasheet HTML 28Page - Texas Instruments DAC7678SPW Datasheet HTML 29Page - Texas Instruments DAC7678SPW Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
NotAcknowledge
Acknowledge
1
2
8
9
ClockPulsefor
Acknowledgement
S
START
Condition
DataOutput
byTransmitter
DataOutput
byReceiver
SCLfrom
Master
Start
Condition
SDA
Stop
Condition
SDA
SCL
S
P
SCL
DAC7678
SBAS493A – FEBRUARY 2010 – REVISED AUGUST 2010
www.ti.com
TWO-WIRE, I
2C-COMPATIBLE INTERFACE
and fast modes. The protocol for high-speed mode is
different from the F/S-mode, and it is referred to as
The I2C™ is a 2-wire serial interface developed by
HS-mode. The DAC7678 supports 7-bit addressing.
Philips Semiconductor (see I2C™-Bus Specification,
The 10-bit addressing and general call address are
Rev. 03, June 2007). The bus consists of a data line
not supported.
(SDA) and a clock line (SCL) with pull-up structures.
When the bus is idle, both SDA and SCL lines are
Other than specific timing signals, the I2C interface
pulled high. All the I2C™ compatible devices connect
works with serial bytes. At the end of each byte, a 9th
to the I2C™ bus through open drain I/O pins, SDA
clock
cycle
is
used
to
generate/detect
an
and SCL.
acknowledge signal, Acknowledge is when the SDA
line is pulled low during the high period of the 9th
The I2C specification states that the device that
clock cycle. A not-acknowledge is when the SDA line
controls communication is called a master, and the
is left high during the high period of the 9th clock
devices that are controlled by the master are called
cycle as shown in Figure 90.
slaves. The master device generates the SCL signal.
The master device also generates special timing
conditions (start condition, repeated start condition,
and stop condition) on the bus to indicate the start or
stop of a data transfer. Device addressing is also
done by the master. The master device on an I2C bus
is usually a microcontroller or a digital signal
processor (DSP). The DAC7678 on the other hand,
operates as a slave device on the I2C bus. A slave
devcie acknowledges master's commands and upon
master's control, either receives or transmits data.
Figure 90. Acknowledge and Not Acknowledge
on the I2C Bus
F/S Mode Protocol
•
The master initiates data transfer by generating a
start condition. The start condition is when a
high-to-low transition occcurs on the SDA line
while SCL is high, as shown in Figure 90. All
Figure 89. Start and Stop Conditions
I2C-compatible
devices
recognize
a
start
condition.
The DAC7678 normally operates as a slave receiver.
•
The master then generates the SCL pulses, and
A master device writes to the DAC7678, a slave
transmits the 7-bit address and the read/write
receiver. However, if a master device inquires the
direction bit (R/W) on the SDA line. During all
DAC7678
internal
register
data,
the
DAC7678
transmissions, the master ensures that data is
operates as a slave transmitter. In this case, the
valid. A valid data condition requires the SDA line
master device reads from the DAC7678, a slave
to be stable during the entire high period of the
transmitter. According to I2C™ terminology, read and
clock pulse, as shown in Figure 91. All devices
write are with respect to the master device.
recognize the address sent by the master and
The DAC7678 works as a slave and supports the
compare it to their internal fixed addresses. Only
following data transfer modes, as defined in the I2C™
the
slave
device
with
a
matching
address
-Bus Specification:
generates an acknowledge by pulling the SDA line
•
Standard mode (100 kbps)
low during the entire high period of the ninth SCL
cycle, as shown in Figure 90 by pulling the SDA
•
Fast mode (400 kbps)
line low during the entire high period of the 9th
•
Fast mode+ (1.0Mbps) and
SCL cycle. Upon detecting this acknowledge, the
•
High-Speed mode (3.4 Mbps)
master knows the communication link with a slave
has been established.
The data transfer protocol for standard and fast
modes is exactly the same, therefore they are
•
The master generates further SCL cycles to either
referred to as F/S-mode in this document. The fast
transmit data to the slave (R/W bit 0) or receive
mode+ protocol is supported in terms of data transfer
data from the slave (R/W bit 1). In either case, the
speed but not output current. The low-level output
receiver needs to acknowledge the data sent by
current would be 3mA similar to the case of standard
the transmitter. So the acknowledge signal can
either be generated by the master or by the slave,
depending on which one is the receiver. The 9-bit
valid data sequences, consisting of 8-data bits
26
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DAC7678



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com