Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7678SPW Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7678SPW
Description  12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7678SPW Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC7678SPW Datasheet HTML 19Page - Texas Instruments DAC7678SPW Datasheet HTML 20Page - Texas Instruments DAC7678SPW Datasheet HTML 21Page - Texas Instruments DAC7678SPW Datasheet HTML 22Page - Texas Instruments DAC7678SPW Datasheet HTML 23Page - Texas Instruments DAC7678SPW Datasheet HTML 24Page - Texas Instruments DAC7678SPW Datasheet HTML 25Page - Texas Instruments DAC7678SPW Datasheet HTML 26Page - Texas Instruments DAC7678SPW Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
DAC
Register
REF(+)
Resistor String
REF( )
-
V
REFIN/VREFOUT
V
OUTX
178kW
150kW
150kW
V
=
OUT
2
V
´
´ REFOUT
D
IN
4096
V
=
OUT
V
´ REFIN
D
IN
4096
V
REF
R
R
R
R
V
REF
2
R
DIVIDER
To Output Amplifier
(2x Gain)
DAC7678
www.ti.com
SBAS493A – FEBRUARY 2010 – REVISED AUGUST 2010
THEORY OF OPERATION
will be un-shorted if external reference is used. Thus
the overall gain will be one and allows the user to
DIGITAL-TO-ANALOG CONVERTER (DAC)
provide an external reference value of 0 to AVDD. If
The DAC7678 architecture consists of eight string
internal reference is used RDIVIDER is shorted and the
DACs each followed by an output buffer amplifier.
overall gain will be two.
The
DAC7678
also
includes
an
internal
2.5V
reference with a maximum 25ppm/°C temperature
drift performance, offering a 5V, full-scale output
voltage. Figure 86 shows a principal block diagram of
the DAC architecture.
Figure 86. Device Architecture
For the TSSOP package, the input coding to the
DAC7678 is straight binary. For the QFN package,
the TWOC pin controls the code format.
When using the internal reference, the ideal output
voltage is given by Equation 1:
(1)
When using an external reference, the ideal output
voltage is given by Equation 2:
(2)
Where:
DIN = decimal equivalent of the binary code that
Figure 87. Resistor String
is loaded to the DAC register. It can range from 0
to 4095.
VREFOUT = internal reference voltage of 2.5V (typ),
OUTPUT AMPLIFIER
supplied at the VREFIN/VREFOUT pin.
The output buffer amplifier is capable of generating
VREFIN = external reference voltage of 0V to 5V
rail-to-rail voltages on its output, giving a maximum
(typ), supplied at the VREFIN/VREFOUT pin.
output range of 0V to AVDD. It is capable of driving a
load of 2k
Ω in parallel with 1000pF to GND. The
RESISTOR STRING
source and sink capabilities of the output amplifier
The resistor string circuitry is shown in Figure 87. It is
can be seen in the Typical Characteristics. The
a string of resistors, each of value R. The code
typical slew rate is 0.75V/ms, with a typical full-scale
loaded into the DAC register determines at which
settling time of 7ms with the output unloaded.
node on the string the voltage is tapped off to be fed
into the output amplifier by closing one of the
switches connecting the string to the amplifier. It is
monotonic because it is a string of resistors. RDIVIDER
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): DAC7678



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com