Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7678SPW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7678SPW
Description  12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7678SPW Datasheet(HTML) 4 Page - Texas Instruments

  DAC7678SPW Datasheet HTML 1Page - Texas Instruments DAC7678SPW Datasheet HTML 2Page - Texas Instruments DAC7678SPW Datasheet HTML 3Page - Texas Instruments DAC7678SPW Datasheet HTML 4Page - Texas Instruments DAC7678SPW Datasheet HTML 5Page - Texas Instruments DAC7678SPW Datasheet HTML 6Page - Texas Instruments DAC7678SPW Datasheet HTML 7Page - Texas Instruments DAC7678SPW Datasheet HTML 8Page - Texas Instruments DAC7678SPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
DAC7678
SBAS493A – FEBRUARY 2010 – REVISED AUGUST 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At AVDD = 2.7V to 5.5V, External Reference Used, and over –40°C to +125°C, unless otherwise noted.
DAC7678
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
INTERNAL REFERENCE
Output voltage
TA = +25°C
2.495
2.5
2.505
V
Initial accuracy
TA = +25°C
–5
±0.1
5
mV
Output voltage temperature drift(4)
5
25
ppm/°C
Output voltage noise
TA = +25°C, f = 0.1Hz to 10Hz
15
mVPP
TA = +25°C, f = 1kHz, CL = 0mF
250
Output voltage noise density
nV/
√Hz
(high-frequency noise)
TA = +25°C, f = 1MHz, CL = 0mF
50
Sourcing, TA = +25°C
500
mV/mA
Load regulation(5)
Sinking, TA = +25°C
200
mV/mA
Output current load capability(4)
±20
mA
Line regulation
TA = +25°C
80
mV/V
Long-term stability/drift (aging)(5)
TA = +25°C, time = 0 to 2160 hours
100
ppm
First cycle
200
ppm
Thermal hysteresis(5)
Additional cycles
50
ppm
AVDD = 5.5V
420
mA
Internal reference current consumption
AVDD = 3.6V
400
mA
External VREF = 2.5V (when internal reference is disabled), all
External reference current
60
mA
eight channels active
VREFIN/VREFOUT pin reference input range
0
AVDD
V
Reference input impedance
Reference disabled
42
k
Ω
LOGIC INPUTS(4)
Input current
±1
mA
VINL
Logic input LOW voltage
2.7V
≤ AVDD ≤ 5.5V
GND–0.3
0.3×AVDD
V
VINH
Logic input HIGH voltage
2.7V
≤ AVDD ≤ 5.5V
0.7×AVDD
AVDD+0.3
V
Pin capacitance
1.5
3
pF
POWER REQUIREMENTS
AVDD
2.7
5.5
V
AVDD = 3.6V to 5.5V, VINH = AVDD and VINL = GND
1.02
1.4
mA
Normal mode, internal
reference switched off
AVDD = 2.7V to 3.6V, VINH = AVDD and VINL = GND
0.86
1.3
mA
AVDD = 3.6V to 5.5V, VINH = AVDD and VINL = GND
1.49
2.2
mA
Normal mode, internal
IDD
(6)
reference switched on
AVDD = 2.7V to 3.6V, VINH = AVDD and VINL = GND
1.32
2
mA
AVDD = 3.6V to 5.5V, VINH = AVDD and VINL = GND
0.42
6
mA
All power-down modes
AVDD = 2.7V to 3.6V, VINH = AVDD and VINL = GND
0.25
4.7
mA
AVDD = 3.6V to 5.5V, VINH = AVDD and VINL = GND
3.67
7.7
mW
Normal mode, internal
reference switched off
AVDD = 2.7V to 3.6V, VINH = AVDD and VINL = GND
2.32
4.68
mW
AVDD = 3.6V to 5.5V, VINH = AVDD and VINL = GND
5.36
12.1
mW
Power
Normal mode, internal
dissipation(6)
reference switched on
AVDD = 2.7V to 3.6V, VINH = AVDD and VINL = GND
3.56
7.2
mW
AVDD = 3.6V to 5.5V, VINH = AVDD and VINL = GND
1.51
33
mW
All power-down modes
AVDD = 2.7V to 3.6V, VINH = AVDD and VINL = GND
0.68
16.92
mW
TEMPERATURE RANGE
Specified performance
–40
+125
°C
(4)
Specified by design or characterization; not production tested.
(5)
Explained in more detail in the Application Information section of this data sheet.
(6)
Input code = midscale, no load.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DAC7678



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com