Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7678SPW Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7678SPW
Description  12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7678SPW Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC7678SPW Datasheet HTML 35Page - Texas Instruments DAC7678SPW Datasheet HTML 36Page - Texas Instruments DAC7678SPW Datasheet HTML 37Page - Texas Instruments DAC7678SPW Datasheet HTML 38Page - Texas Instruments DAC7678SPW Datasheet HTML 39Page - Texas Instruments DAC7678SPW Datasheet HTML 40Page - Texas Instruments DAC7678SPW Datasheet HTML 41Page - Texas Instruments DAC7678SPW Datasheet HTML 42Page - Texas Instruments DAC7678SPW Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
IN
1
2
O UT
REF
REF
n
1
D
R + R
R2
V
=
V
Gain
V
R
R1
2
æ
ö
æ
ö
æ
ö
æ
ö
´
´
´
-
´
ç
÷
ç
÷
ç
÷
ç
÷
ç
÷
è
ø
è
ø è
ø
è
ø
IN
OUT
n
10
D
V
=
5V
2
´
æ
ö
-
ç
÷
è
ø
|
REF_PRE
REF_POST
6
HYST
REF_NOM
|V
V
V
=
10 (ppm/°C)
V
æ
ö
-
´
ç
÷
ç
÷
è
ø
V
OUT
V
REFIN/
V
REFOUT
V
REFEXT
+6V
±5V
-6V
OPA703
DAC7678
10 F
m
0.1 F
m
R
1
10kW
R
2
10kW
Serial Interface
GND
AV
DD
AV
DD
DAC7678
www.ti.com
SBAS493A – FEBRUARY 2010 – REVISED AUGUST 2010
Long-Term Stability
Long-term stability/aging refers to the change of the
output voltage of a reference over a period of months
(5)
or years. This effect lessens as time progresses (see
Where:
Figure 3, the typical long-term stability curve). The
typical drift value for the internal reference is 100ppm
DIN = decimal equivalent of the binary code that
from 0 hours to 2160 hours. This parameter is
is loaded to the DAC register. It can range from 0
characterized by powering-up 19 units and measuring
to 4095 (12 bit)
them at regular intervals for a period of 2160 hours.
n = resolution in bits
Gain = 1 when External Reference is used and 2
Thermal Hysteresis
when internal reference is used.
Thermal hysteresis for a reference is defined as the
change in output voltage after operating the device at
(6)
25°C, cycling the device through the operating
temperature range, and returning to 25°C. Hysteresis
This result has an output voltage range of ±5V with
is expressed by Equation 4:
000h corresponding to a -5V output and FFFh
corresponding to a +5V output for the 12 bit
DAC7678.
(4)
Where:
VHYST = thermal hysteresis
VREF_PRE = output voltage measured at 25°C
pre-temperature cycling
VREF_POST = output voltage measured after the
device cycles through the temperature range of
–40°C to 125°C, and returns to 25°C.
DAC NOISE PERFORMANCE
Typical noise performance for the DAC7678 with the
Figure 96. Bipolar Output Range Using External
internal reference enabled is shown in Figure 47.
Reference at 5V
Output noise spectral density at the VOUTX pin versus
frequency is depicted in Figure 47 for full-scale,
midscale, and zero-scale input codes. The typical
MICROPROCESSOR INTERFACING
noise density for midscale code is 290nV/
√Hz at
A basic connection diagram to the SCL and SDA pins
1kHz and 117nV/
√Hz at 100 kHz when internal
of the DAC7678 is shown in Figure 97. The DAC7678
reference is enabled. The typical noise density
interfaces directly to standard mode, fast mode and
reduces to 104nV/
√Hz at 1kHz for mid scale code
high
speed
mode
of
2-Wire
compatible
serial
with external reference as shown in Figure 48.
interfaces. The DAC7678 does not perform clock
High-frequency noise can be improved by filtering the
stretching (pulling SCL low), as a result it is not
reference noise. Integrated output noise between
necessary to provide for this function unless other
0.1Hz and 10Hz is close to 3µVPP (midscale), as
devices on the same bus require this function. Pull-up
shown in Figure 49.
resistors are required on both the SDA and SCL lines
as the bus-drivers are open-drain. The size of these
BIPOLAR OPERATION USING THE DAC7678
pull-up resistors depends on the operating speed and
The DAC7678 family of products is designed for
capacitance of the bus lines. Higher value resistors
single-supply operation, but a bipolar output range is
consume less power but increase transition time on
also possible using the circuit in Figure 96. Rail-to-rail
the bus limiting the bus speed. Long bus lines have
operation at the amplifier output is achievable using
higher
capacitance
and
require
smaller
pull-up
an OPA703 as the output amplifier.
resistors to compensate. The resistors should not be
too small; if they are, bus drivers may not be able to
The output voltage for any input code can be
pull the bus lines low.
calculated with Equation 5.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): DAC7678



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com