Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7678SPW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7678SPW
Description  12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7678SPW Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC7678SPW Datasheet HTML 2Page - Texas Instruments DAC7678SPW Datasheet HTML 3Page - Texas Instruments DAC7678SPW Datasheet HTML 4Page - Texas Instruments DAC7678SPW Datasheet HTML 5Page - Texas Instruments DAC7678SPW Datasheet HTML 6Page - Texas Instruments DAC7678SPW Datasheet HTML 7Page - Texas Instruments DAC7678SPW Datasheet HTML 8Page - Texas Instruments DAC7678SPW Datasheet HTML 9Page - Texas Instruments DAC7678SPW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
LDAC
1
LDAC2
CLR
Low Byte Ack Cycle
P
S
t
HD:STA
t
HD:DAT
t
SU:DAT
t
SU:STA
t
HD:STA
S
P
SCL
SDA
t
LOW
t
R
t
F
t
BUF
t
SU:STO
t
1
t
2
t
3
t
4
t
HIGH
DAC7678
SBAS493A – FEBRUARY 2010 – REVISED AUGUST 2010
www.ti.com
TIMING DIAGRAM
(1)
Asynchronous LDAC update mode. For more information and details, see the LDAC Functionality section
(2)
Synchronous LDAC update mode. For more information and details, see the LDAC Functionality section
Figure 1. Serial Write Operation
TIMING REQUIREMENTS
At AVDD = 2.7 V to 5.5 V and –40°C to +125°C range (unless otherwise noted).
STANDARD
FAST
HIGH SPEED
MODE
MODE
MODE
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
SCL frequency, fSCL
0.1
0.4
3.4
MHz
Bus free time between STOP and START conditions, tBUF
4.7
1.3
µs
Hold time after repeated start, tHDSTA
4
0.6
0.16
µs
Repeated Start setup time, tSUSTA
4.7
0.6
0.16
µs
STOP condition setup time, tSUSTO
4
0.6
0.16
µs
Data hold time, tHDDAT
0
0
0
ns
Data setup time, tSUDAT
250
100
10
ns
SCL clock LOW period, tLOW
4700
1300
160
ns
SCL clock HIGH period, tHIGH
4000
600
60
ns
Clock/Data fall time, tF
300
300
160
ns
Clock/Data rise time, tR
1000
300
160
ns
LDAC pulse width LOW time, t1
40
10
1.2
µs
SCL falling edge to LDAC falling edge for asynchronous LDAC update, t2
20
5
0.6
µs
LDAC falling edge to SCL falling edge for synchronous LDAC update, t3
360
90
10.5
µs
CLR pulse width LOW time, t4
40
10
1.2
µs
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DAC7678



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com