Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7678SPW Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7678SPW
Description  12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7678SPW Datasheet(HTML) 28 Page - Texas Instruments

Back Button DAC7678SPW Datasheet HTML 24Page - Texas Instruments DAC7678SPW Datasheet HTML 25Page - Texas Instruments DAC7678SPW Datasheet HTML 26Page - Texas Instruments DAC7678SPW Datasheet HTML 27Page - Texas Instruments DAC7678SPW Datasheet HTML 28Page - Texas Instruments DAC7678SPW Datasheet HTML 29Page - Texas Instruments DAC7678SPW Datasheet HTML 30Page - Texas Instruments DAC7678SPW Datasheet HTML 31Page - Texas Instruments DAC7678SPW Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
DAC7678
SBAS493A – FEBRUARY 2010 – REVISED AUGUST 2010
www.ti.com
Table 7. Update Sequence
MSB
···
LSB
MSB
···
LSB
MSB
···
LSB
MSB
···
LSB
ACK
ACK
ACK
ACK
Address (A) Byte
Command/Access Byte
MSDB
LSDB
DB[32:24]
DB[23:16]
DB[15:8]
DB[7:0]
SPACING
The CA byte sets the operational mode of the
maximum DAC update rate is limited to 22.22kSPS.
selected DAC7678. When the operational mode is
Using the Fast mode plus (clock = 1MHz), the
selected by this byte, the DAC7678 must receive two
maximum DAC update rate is limited to 55.55kSPS.
data bytes, the most significant data byte (MSDB)
When a stop condition is received, the DAC7678
and least significant data byte (LSDB), for data
releases the I2C bus and awaits a new start condition.
update to occur. The DAC7678 performs an update
on the falling edge of the acknowledge signal that
Address (A) Byte
follows the LSDB.
The address byte, as shown in Table 8, is the first
The CA byte does not have to be resent until a
byte received following the START condition from the
change in operational mode is required. The bits of
master device. The first four bits (MSBs) of the
the control byte continuously determine the type of
address are factory preset to 1001. The next 3 bits of
update performed. Thus, for the first update, the
the address are controlled by the ADDR pin(s). The
DAC7678 requires a start condition, a valid I2C
ADDR pin(s) inputs can be connected to AVDD, GND,
address, the CA byte, and two data bytes (MSDB and
or left floating. The device address should be
LSDB). For all consecutive updates, the DAC7678
determined before device power up. During power up
needs only an MSDB and LSDB, as long as the CA
the device latches the values of the address pins and
byte command remains the same.
consequently will respond to that particular address
according to Table 9 and Table 10. When using the
When using the I2C HS mode (clock = 3.4MHz), each
QFN package (DAC7678RGE), up to 8 devices can
12-bit DAC update other than the first update can be
be connected to the same I2C bus. When using the
done within 18 clock cycles (MSDB, acknowledge
TSSOP package (DAC7678PW), up to 3 devices can
signal, LSDB, acknowledge signal) at 188.88kSPS.
be connected to the same I2C bus.
When using Fast mode (clock = 400kHz), the
Table 8. Address Byte
MSB
LSB
AD6
AD5
AD4
AD3
AD2
AD1
AD0
R/W
1
0
0
1
See Table 9 or Table 10 Slave Address column
0 or 1
Table 9. Address Format For QFN-24 (RGE) Package
SLAVE ADDRESS
ADDR1
ADDR0
1001 000
0
0
1001 001
0
1
1001 010
1
0
1001 011
1
1
1001 100
Float
0
1001 101
Float
1
1001 110
0
Float
1001 111
1
Float
Not supported
Float
Float
Table 10. Address Format For TSSOP-16 (PW) Package
SLAVE ADDRESS
ADDR0
1001 000
0
1001 010
1
1001 100
Float
28
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DAC7678



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com