Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7678SPW Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7678SPW
Description  12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7678SPW Datasheet(HTML) 27 Page - Texas Instruments

Back Button DAC7678SPW Datasheet HTML 23Page - Texas Instruments DAC7678SPW Datasheet HTML 24Page - Texas Instruments DAC7678SPW Datasheet HTML 25Page - Texas Instruments DAC7678SPW Datasheet HTML 26Page - Texas Instruments DAC7678SPW Datasheet HTML 27Page - Texas Instruments DAC7678SPW Datasheet HTML 28Page - Texas Instruments DAC7678SPW Datasheet HTML 29Page - Texas Instruments DAC7678SPW Datasheet HTML 30Page - Texas Instruments DAC7678SPW Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
ChangeofDataAllowed
DataLineStable;
DataValid
SDA
SCL
Generate ACKNOWLEDGE
Signal
Acknowledgement
Signal From Slave
SDA
SCL
MSB
P
Sr
Sr
or
P
S
or
Sr
START or
REPEATED START
Condition
Clock Line Held Low While
Interrupts are Serviced
1
2
7
8
9
ACK
1
2
3 - 8
9
ACK
Address
R/W
Recognize START or
REPEATED START
Condition
REPEATED START
STOP
or
Condition
Recognize STOP or
REPEATED START
Condition
DAC7678
www.ti.com
SBAS493A – FEBRUARY 2010 – REVISED AUGUST 2010
and 1-bit acknowledge can continue as long as
all devices must recognize it and switch their
necessary.
internal setting to support 3.4Mbps operation.
•
To signal the end of the data transfer, the master
•
The master then generates a repeated start
generates a stop condition by pulling the SDA line
condition (a repeated start condition has the same
from low to high while the SCL line is high (see
timing as the start condition). After this repeated
Figure 89). This action releases the bus and stops
start condition, the protocol is the same as
the communication link with the addressed slave.
F/S-mode, except that transmission speeds up to
All I2C-compatible devices recognize the stop
3.4Mbps are allowed. A stop condition ends HS
condition. Upon receipt of a stop condition, the
mode and switches all the internal settings of the
bus is released, and all slave devices then wait for
slave devices to support F/S-mode. Instead of
a start condition followed by a matching address.
using a stop condition, repeated start conditions
should be used to secure the bus in H/S-mode.
DAC7678 I
2C UPDATE SEQUENCE
For a single update, the DAC7678 requires a start
condition, a valid I2C address, a command and
access (CA) byte, and two data bytes, the most
significant data byte (MSDB) and least significant
data byte (LSDB), as shown in Table 7.
Figure 91. Bit Transfer on the I2C Bus
After
each
byte
is
received,
the
DAC7678
acknowledges by pulling the SDA line low during the
HS Mode Protocol
high period of a single clock pulse, as shown in
Figure 92. These four bytes and acknowledge cycles
•
When the bus is idle, both the SDA and SCL lines
make up the 36 clock cycles required for a single
are pulled high by the pull-up resistors.
update to occur. A valid I2C address selects the
•
The master generates a start condition followed
DAC7678.
by a valid serial byte containing H/S master code
00001XXX. This transmission is made in F/S
mode at no more than 1.0 Mbps. No device is
allowed to acknowledge the H/S master code, but
Figure 92. I2C Bus Protocol
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): DAC7678



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com