Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7678SPW Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7678SPW
Description  12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7678SPW Datasheet(HTML) 22 Page - Texas Instruments

Back Button DAC7678SPW Datasheet HTML 18Page - Texas Instruments DAC7678SPW Datasheet HTML 19Page - Texas Instruments DAC7678SPW Datasheet HTML 20Page - Texas Instruments DAC7678SPW Datasheet HTML 21Page - Texas Instruments DAC7678SPW Datasheet HTML 22Page - Texas Instruments DAC7678SPW Datasheet HTML 23Page - Texas Instruments DAC7678SPW Datasheet HTML 24Page - Texas Instruments DAC7678SPW Datasheet HTML 25Page - Texas Instruments DAC7678SPW Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
V
- 2 mV/div
OUT
AV
- 2 V/div
DD
~ 1.8 mVPP
AV
= 2.7 V,
External Reference = 2.5 V,
DAC = Zero Scale,
DACs unloaded
DD
t - Time - 10 ms/div
V
- 5 mV/div
OUT
SCL - 5 V/div
AV
= 2.7 V,
Clock Feedthrough Impulse ~ 0.5n V-s
External Reference = 2.5 V
DD
t - Time - 1 s/div
m
V
- 1 mV/div
OUT
AV
- 2 V/div
DD
t - Time - 10 ms/div
AV
= 2.7 V,
DAC = Zero Scale
DD
V
- 2 mV/div
OUT
AV
- 2 V/div
DD
AV
= 2.7 V,
External Reference = 2.5 V,
DAC = Mid Scale,
DACs Unloaded
DD
t - Time - 20 ms/div
LDAC Clock
Feed-Through
V
- 500 V/div
OUT
m
LDAC - Trigger Pulse
5 V/div
AV
= 2.7 V,
From Code 801h to 800h
External Reference = 2.5 V
DD
t - Time - 2 s/div
m
V
- 500 V/div
OUT
m
AV
= 2.7 V,
From Code 800h to 801h
External Reference = 2.5 V
DD
t - Time - 2 s/div
m
LDAC Clock
Feed-Through
LDAC - Trigger Pulse
5 V/div
DAC7678
SBAS493A – FEBRUARY 2010 – REVISED AUGUST 2010
www.ti.com
TYPICAL CHARACTERISTICS: DAC AT AVDD = 2.7 V (continued)
At TA = 25°C, external reference used, DAC output not loaded, and all DAC codes in straight binary data format, unless
otherwise noted
CLOCK FEEDTHROUGH
POWER-ON GLITCH
400 kHz, MIDSCALE
RESET TO ZERO SCALE
Figure 80.
Figure 81.
POWER-ON GLITCH
RESET TO MIDSCALE
POWER-OFF GLITCH
Figure 82.
Figure 83.
GLITCH ENERGY:
GLITCH ENERGY:
2.7V 1LSB STEP, RISING EDGE
2.7V 1LSB STEP, FALLING EDGE
Figure 84.
Figure 85.
22
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DAC7678



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com