Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7678SPW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7678SPW
Description  12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7678SPW Datasheet(HTML) 1 Page - Texas Instruments

  DAC7678SPW Datasheet HTML 1Page - Texas Instruments DAC7678SPW Datasheet HTML 2Page - Texas Instruments DAC7678SPW Datasheet HTML 3Page - Texas Instruments DAC7678SPW Datasheet HTML 4Page - Texas Instruments DAC7678SPW Datasheet HTML 5Page - Texas Instruments DAC7678SPW Datasheet HTML 6Page - Texas Instruments DAC7678SPW Datasheet HTML 7Page - Texas Instruments DAC7678SPW Datasheet HTML 8Page - Texas Instruments DAC7678SPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
DAC7678
Data Buffer A
DAC Register A
Buffer Control
Register Control
Control Logic
Input Control Logic
Power-Down
Control Logic
AV
DD
V
REFIN
REFOUT
/
V
12-Bit DAC
CLR
LDAC
ADDR0
SDA
SCL
2.5V
Reference
Data Buffer B
DAC Register B
Data Buffer C
Data Buffer D
Data Buffer E
Data Buffer F
Data Buffer G
DAC Register C
DAC Register D
DAC Register E
DAC Register F
DAC Register G
V
H
OUT
Data Buffer H
DAC Register H
V
G
OUT
V
F
OUT
V
E
OUT
V
D
OUT
V
C
OUT
V
B
OUT
V
A
OUT
GND
ADDR1
12-Bit DAC
12-Bit DAC
12-Bit DAC
12-Bit DAC
12-Bit DAC
12-Bit DAC
12-Bit DAC
RSTSEL
DAC7678
www.ti.com
SBAS493A – FEBRUARY 2010 – REVISED AUGUST 2010
12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface
Digital-to-Analog Converter with 2.5V Internal Reference
Check for Samples: DAC7678
1
FEATURES
APPLICATIONS
•
Portable Instrumentation
23
•
Relative Accuracy:
•
Closed-Loop Servo-Control
–
1 LSB INL
•
Process Control
•
Glitch Energy: 0.15nV-s
•
Data Acquisition Systems
•
Internal Reference:
•
Programmable Attenuation
–
2.5V Reference Voltage (disabled by
•
PC Peripherals
default)
–
±5mV Initial Accuracy (max)
DESCRIPTION
–
5ppm/°C Temperature Drift (typ)
The DAC7678 is a low-power, voltage-output, octal
–
25ppm/°C Temperature Drift (max)
channel, 12-bit digital-to-analog converter (DAC). The
–
20mA Sink/Source Capability
DAC7678 includes a 2.5V internal reference (disabled
by default), giving a full-scale output voltage range of
•
Power-On Reset to Zero Scale or Midscale
5V. The internal reference has an initial accuracy of
–
Devices in the TSSOP Package Reset to
±5mV
and
can
source
up
to
20mA
at
the
Zero Scale
VREFIN/VREFOUT
pin.
The
device
is
monotonic,
–
Devices in the QFN Package Reset to Zero
provides very good linearity, and minimizes undesired
Scale or Midscale
code-to-code transient voltages (glitch).
•
Ultra-Low Power Operation: 0.13mA/Channel
The DAC7678 uses a versatile, 2-wire serial interface
at 5V (without internal reference current)
that is I2C-compatible and operates at clock rates of
up to 3.4MHz. Multiple devices can share the same
•
Wide Power-Supply Range: +2.7V to +5.5V
bus.
•
2-Wire Serial Interface ( I2C™ compatible)
The DAC7678 incorporates a power-on-reset circuit
•
On-Chip Output Buffer Amplifier with
that ensures the DAC output powers up to either
Rail-to-Rail Operation
zero-scale or mid-scale until a valid code is written to
•
Temperature Range: –40°C to +125°C
the device. These devices contain a power-down
feature, accessed over the serial interface that
reduces the current consumption of the device to
typically 0.42mA at 5V. Power consumption (including
internal
reference)
is
typically
3.56mW
at
3V,
reducing to 0.68mW in power-down mode. The low
power consumption, internal reference, and small
footprint
make
this
device
ideal
for
portable,
battery-operated equipment. The DAC7678 is drop-in
and
functionally
compatible
with
DAC5578,
DAC6578, and DAC7578. All devices are available in
a 4x4 QFN-24 package and a TSSOP-16 package.
RELATED DEVICES
8-BIT
10-BIT
12-BIT
Pin- and Function-Compatible
—
—
DAC7678
(w/internal reference)
Pin- and Function-Compatible
DAC5578
DAC6578
DAC7578
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2C is a trademark of NXP Semiconductors.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC7678SPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7678SPW TI2-DAC7678SPW Datasheet
3Mb / 57P
12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
REVISED JANUARY 2014
DAC7678SPW.A TI2-DAC7678SPW.A Datasheet
3Mb / 57P
12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
REVISED JANUARY 2014
DAC7678SPW.B TI2-DAC7678SPW.B Datasheet
3Mb / 57P
12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
REVISED JANUARY 2014
DAC7678SPWR TI2-DAC7678SPWR Datasheet
3Mb / 57P
12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
REVISED JANUARY 2014
DAC7678SPWR.A TI2-DAC7678SPWR.A Datasheet
3Mb / 57P
12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
REVISED JANUARY 2014
More results

Similar Description - DAC7678SPW

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8560 BURR-BROWN-DAC8560 Datasheet
995Kb / 29P
16-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
logo
Texas Instruments
DAC7564 TI-DAC7564 Datasheet
1Mb / 46P
12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7565 TI-DAC7565 Datasheet
1Mb / 46P
12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7568 TI-DAC7568 Datasheet
2Mb / 58P
12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568 TI-DAC7568_10 Datasheet
2Mb / 58P
12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568_101 TI-DAC7568_101 Datasheet
2Mb / 60P
12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC5578 TI-DAC5578_10 Datasheet
3Mb / 55P
8-/10-/12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converters
DAC7678 TI1-DAC7678_14 Datasheet
1Mb / 53P
12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
DAC8560 TI-DAC8560_15 Datasheet
1Mb / 33P
16-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/째C Internal Reference
DAC8165 TI1-DAC8165_15 Datasheet
750Kb / 47P
14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppmC Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com