Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7678SPW Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7678SPW
Description  12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7678SPW Datasheet(HTML) 24 Page - Texas Instruments

Back Button DAC7678SPW Datasheet HTML 20Page - Texas Instruments DAC7678SPW Datasheet HTML 21Page - Texas Instruments DAC7678SPW Datasheet HTML 22Page - Texas Instruments DAC7678SPW Datasheet HTML 23Page - Texas Instruments DAC7678SPW Datasheet HTML 24Page - Texas Instruments DAC7678SPW Datasheet HTML 25Page - Texas Instruments DAC7678SPW Datasheet HTML 26Page - Texas Instruments DAC7678SPW Datasheet HTML 27Page - Texas Instruments DAC7678SPW Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
V
REF
R
1
Q
2
Q
1
R
2
Reference
Disable
DAC7678
SBAS493A – FEBRUARY 2010 – REVISED AUGUST 2010
www.ti.com
INTERNAL REFERENCE
using an external reference. The internal reference
can be powered up and powered down using a serial
The DAC7678 includes a 2.5V internal reference that
command that requires a 32-bit write sequence,
is disabled by default. The internal reference is
which consists of 8 bit Address Byte plus 24 bit serial
externally available at the VREFIN/VREFOUT pin. A
command as shown in Table 1. During the time that
minimum 100nF capacitor is recommended between
the internal reference is disabled, the DAC functions
the reference output and GND for noise filtering. The
normally using an external reference. However, when
internal
reference
of
the
DAC7678
is
a
switching to the external reference the internal gain is
bipolar-transistor based precision bandgap voltage
dynamically switched to one. Therefore appropriate
reference. Figure 88 shows the basic bandgap
value of external reference should be used per the
topology. Transistors Q1 and Q2 are biased such that
desired output voltage. At this point, the internal
the current density of Q1 is greater than that of Q2.
reference is disconnected from the VREFIN/VREFOUT pin
The difference of the two base-emitter voltages (VBE1
(3-state
output).
Do
not
attempt
to
drive
the
– VBE2) has a positive temperature coefficient and is
VREFIN/VREFOUT pin externally and internally at the
forced across resistor R1. This voltage is gained up
same time indefinitely. There are two modes that
and added to the base-emitter voltage of Q2, which
allow communication with the internal reference:
has a negative temperature coefficient. The resulting
Regular/Static and Flexible. In Flexible mode DB14
output voltage is virtually independent of temperature.
needs to be set to '1' as shown in Table 17.
The short-circuit current is limited by design to
approximately 100mA.
Regular/Static Mode (see Table 1 and Table 2)
Enabling Internal Reference:
To enable the internal reference, write the 24-bit
serial command shown in Table 1 after properly
addressing the device. When performing a power
cycle to reset the device, the internal reference is
switched off (default mode). In the default mode, the
internal reference is powered down until a valid write
sequence is applied to power up the internal
reference. Setting DB4 to '1' turns on the internal
reference.If the internal reference is powered up, it
automatically powers down when all DACs power
down in any of the power-down modes (see Table 17
and Power Down Modes section). The internal
reference automatically powers up when any DAC is
powered up.
Disabling Internal Reference:
To disable the internal reference, address the device
Figure 88. Simplified Schematic of the Bandgap
by writing the 8-bit address byte and then writing the
Reference
24-bit serial command shown in Table 1. When
performing a power cycle to reset the device, the
Enable/Disable Internal Reference
internal reference is put back into the default mode
(switched off).
The internal reference in the DAC7678 is disabled by
default for debugging, evaluation purposes, or when
SPACER
Table 1. Write Sequence for Enabling Internal Reference (Static Mode) (Internal Reference Powered On)
COMMAND AND ACCESS BYTE
MOST SIGNIFICANT DATA BYTE
LEAST SIGNIFICANT BYTE
C3
C2
C1
C0
A3
A2
A1
A0
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
1
0
0
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
1
X
X
X
X
Table 2. Write Sequence for Disabling Internal Reference (Static Mode) (Internal Reference Powered Off)
COMMAND AND ACCESS BYTE
MOST SIGNIFICANT DATA BYTE
LEAST SIGNIFICANT BYTE
C3
C2
C1
C0
A3
A2
A1
A0
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
1
0
0
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
X
X
X
X
24
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DAC7678



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com