Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7678SPW Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7678SPW
Description  12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7678SPW Datasheet(HTML) 36 Page - Texas Instruments

Back Button DAC7678SPW Datasheet HTML 32Page - Texas Instruments DAC7678SPW Datasheet HTML 33Page - Texas Instruments DAC7678SPW Datasheet HTML 34Page - Texas Instruments DAC7678SPW Datasheet HTML 35Page - Texas Instruments DAC7678SPW Datasheet HTML 36Page - Texas Instruments DAC7678SPW Datasheet HTML 37Page - Texas Instruments DAC7678SPW Datasheet HTML 38Page - Texas Instruments DAC7678SPW Datasheet HTML 39Page - Texas Instruments DAC7678SPW Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
Amplifier
Resistor
String
DAC
Power-Down
Circuitry
Resistor
Network
V
X
OUT
DAC7678
SBAS493A – FEBRUARY 2010 – REVISED AUGUST 2010
www.ti.com
The advantage of this switching is that the output
CLEAR CODE REGISTER AND CLR PIN
impedance of the device is known while it is in
The DAC7678 contains a clear code register. The
power-down mode. As described in Table 19, there
clear code register can be accessed via the serial
are three different power-down options. VOUT can be
interface (I2C) and is user configurable. Bringing the
connected internally to GND through a 1k
Ω resistor, a
CLR pin low clears the contents of all DAC registers
100k
Ω resistor, or open-circuited (High-Z). In other
and all DAC buffers and replaces the code with the
words, C3, C2, C1, and C0 = '0100' and DB14 and
code determined by the clear code register. The clear
DB13 = '11' represent a power-down condition with
code register can be written to by applying the
High-Z output impedance for a selected channel.
commands shown in Table 17. The default setting of
DB14 and DB13 = '01' represents a power-down
the clear code register sets the output of all DAC
condition
with
1k
Ω output impedance and '10'
channels to 0V when the CLR pin is brought low. The
represents a power-down condition with 100k
Ω
CLR pin is falling-edge triggered; therefore, the
output impedance.
device exits clear code mode on the falling edge of
the acknowledge signal that follows LSDB of the next
Table 19. DAC Operating Modes
write sequence. If the CLR pin is executed (brought
PD1
PD0
low) during a write sequence, this write sequence is
DAC OPERATING MODES
(DB14)
(DB13)
aborted and the DAC registers and DAC buffers are
0
0
Power on selected DACs
cleared as described above.
0
1
Power down selected DACs, 1k
Ω to GND
When performing a software reset of the device, the
1
0
Power down selected DACs, 100k
Ω to GND
clear code register is reset to the default mode (DB5
1
1
Power down selected DACs, High-Z to GND
= '0', DB4 = '0'). Setting the clear code register to
DB4 = '1' and DB5 = '1' ignores any activity on the
SPACER
external CLR pin.
SOFTWARE RESET FUNCTION
The DAC7678 contains a software reset feature.
When the software reset feature is executed, the
device (all DAC channels) are reset to the power-on
reset code. All registers inside the device are reset to
the respective default settings. The DAC7678 has an
additional feature of switching straight to high speed
mode after reset. Table 20 shows all the different
modes of the software reset function.
Table 20. Software Reset Modes
DB15
DB14
OPERATING MODES
Figure 93. Output Stage During Power-Down
Default Software reset. Equivalent to
0
0
Power-on-Reset
Software reset and set part in High Speed
SPACER
x
1
Mode
Software reset and maintain High Speed
1
0
Mode state
36
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DAC7678



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com