Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7678SPW Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7678SPW
Description  12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7678SPW Datasheet(HTML) 38 Page - Texas Instruments

Back Button DAC7678SPW Datasheet HTML 34Page - Texas Instruments DAC7678SPW Datasheet HTML 35Page - Texas Instruments DAC7678SPW Datasheet HTML 36Page - Texas Instruments DAC7678SPW Datasheet HTML 37Page - Texas Instruments DAC7678SPW Datasheet HTML 38Page - Texas Instruments DAC7678SPW Datasheet HTML 39Page - Texas Instruments DAC7678SPW Datasheet HTML 40Page - Texas Instruments DAC7678SPW Datasheet HTML 41Page - Texas Instruments DAC7678SPW Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
5
6
7
8
12
11
10
9
V
D
OUT
V
F
OUT
V
H
OUT
CLR
V
C
OUT
V
E
OUT
V
G
OUT
V
/V
REFIN
REFOUT
AV
DD
DAC7678
1
2
3
4
16
15
14
13
SCL
SDA
GND
V
B
OUT
LDAC
ADDR0
AV
DD
V
A
OUT
1 F
m
100nF
Output Pin
Meter
Load
Force Line
Sense Line
Contact and
Trace Resistance
I
L
V
OUT
REF_MAX
REF_MIN
6
REF
RANGE
V
V
Drift Error =
10 (ppm/°C)
V
T
-
æ
ö
´
ç
÷
´
è
ø
DAC7678
SBAS493A – FEBRUARY 2010 – REVISED AUGUST 2010
www.ti.com
APPLICATION INFORMATION
INTERNAL REFERENCE
Where:
The internal reference of the DAC7678 does not
VREF_MAX = maximum reference voltage observed
require
an
external
load
capacitor
for
stability
within temperature range TRANGE.
because it is stable with any capacitive load.
VREF_MIN = minimum reference voltage observed
However,
for
improved
noise
performance,
an
within temperature range TRANGE.
external load capacitor of 100nF or larger connected
VREF = 2.5V, target value for reference output
to
the
VREFIN/VREFOUT output is recommended.
voltage.
Figure 94 shows the typical connections required for
The
internal
reference
features
an
exceptional
operation of the DAC7678 internal reference. A
maximum drift coefficient of 25ppm/°C from –40°C to
supply bypass capacitor at the AVDD input is also
125°C. Temperature drift results are summarized in
recommended.
the Typical Characteristics.
Noise Performance
Typical 0.1Hz to 10Hz voltage noise can be seen in
Figure 7, Internal Reference Noise. Additional filtering
can be used to improve output noise levels, although
care should be taken to ensure the output impedance
does not degrade the ac performance. The output
noise
spectrum
at
VREFIN/VREFOUT without any
external components is depicted in Figure 6, Internal
Reference Noise Density vs Frequency. Internal
reference noise impacts the DAC output noise; see
the DAC Noise Performance section for more details.
Load Regulation
Load regulation is defined as the change in reference
output voltage as a result of changes in load current.
Figure 94. Typical Connections for Operating the
The load regulation of the internal reference is
DAC7678 Internal Reference
measured using force and sense contacts as shown
in Figure 5. The force and sense lines reduce the
impact of contact and trace resistance, resulting in
Supply Voltage
accurate
measurement
of
the
load
regulation
The internal reference features an extremely low
contributed
solely
by
the
internal
reference.
dropout voltage. It can be operated with a supply of
Measurement results are summarized in the Typical
only 5mV above the reference output voltage in an
Characteristics. Force and sense lines should be
unloaded condition. For loaded conditions, refer to
used for applications that require improved load
the Load Regulation section. The stability of the
regulation.
internal reference with variations in supply voltage
(line regulation, dc PSRR) is also exceptional. Within
the specified supply voltage range of 2.7V to 5.5V,
the variation at VREFIN/VREFOUT is less than 100 µV/V;
see the Typical Characteristics.
Temperature Drift
The internal reference is designed to exhibit minimal
drift error, defined as the change in reference output
voltage
over
varying
temperature.
The
drift
is
calculated using the box method described by
Equation 3:
Figure 95. Accurate Load Regulation of the
DAC7678 Internal Reference
(3)
38
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DAC7678



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com