Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7678SPW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7678SPW
Description  12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7678SPW Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC7678SPW Datasheet HTML 7Page - Texas Instruments DAC7678SPW Datasheet HTML 8Page - Texas Instruments DAC7678SPW Datasheet HTML 9Page - Texas Instruments DAC7678SPW Datasheet HTML 10Page - Texas Instruments DAC7678SPW Datasheet HTML 11Page - Texas Instruments DAC7678SPW Datasheet HTML 12Page - Texas Instruments DAC7678SPW Datasheet HTML 13Page - Texas Instruments DAC7678SPW Datasheet HTML 14Page - Texas Instruments DAC7678SPW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
0
1
2
3
4
5
6
7
8
9
10
I
- mA
SINK
0.00
0.10
0.20
0.30
0.40
0.50
0.60
AV
= 5.5 V,
Internal Reference Enabled,
DAC Loaded with 000h
DD
Channel D
0
1
2
3
4
5
6
7
8
9
10
I
- mA
SOURCE
AV
= 5.5 V,
Internal Reference Enabled,
DAC Loaded with FFFh
DD
4.80
4.85
4.90
4.95
5.00
Channel D
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0
1
2
3
4
5
6
7
8
9
10
I
- mA
SINK
AV
= 5.5 V,
Internal Reference Enabled,
DAC Loaded with 000h
DD
Channel H
0
1
2
3
4
5
6
7
8
9
10
I
- mA
SOURCE
4.80
4.85
4.90
4.95
5.00
AV
= 5.5 V,
Internal Reference Enabled,
DAC Loaded with FFFh
DD
Channel H
1.10
1.20
1.30
1.40
1.50
1.60
1.70
0
512
1024
1536
2048
2560
3072
3584
4096
Digital Input Code
1.80
1.90
2.00
AV
= 5.5 V,
Internal Reference Enabled,
Code Loaded to all Eight DAC Channels
DD
2.10
2.20
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
0
512
1024
1536
2048
2560
3072
3584
4096
Digital Input Code
AV
= 5.5 V,
External Reference = 5 V,
Code Loaded to all Eight DAC Channels
DD
Internal Reference Disabled,
DAC7678
www.ti.com
SBAS493A – FEBRUARY 2010 – REVISED AUGUST 2010
TYPICAL CHARACTERISTICS: DAC at AVDD = 5.5 V (continued)
At TA = 25°C, external reference used, DAC output not loaded, and all DAC codes in straight binary data format, unless
otherwise noted
SOURCE CURRENT
SINK CURRENT
AT POSITIVE RAIL
AT NEGATIVE RAIL
Figure 26.
Figure 27.
SOURCE CURRENT
SINK CURRENT
AT POSITIVE RAIL
AT NEGATIVE RAIL
Figure 28.
Figure 29.
POWER SUPPLY CURRENT
POWER SUPPLY CURRENT
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 30.
Figure 31.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): DAC7678



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com