Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640ECNFB Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # R5F3640ECNFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640ECNFB Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button R5F3640ECNFB Datasheet HTML 31Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 32Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 33Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 34Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 35Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 36Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 37Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 38Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 35 of 88
Feb 07, 2011
M16C/64C Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.16
SFR Information (16) (1)
Address
Register
Symbol
Reset Value
03C0h
A/D Register 0
AD0
XXXX XXXXb
03C1h
0000 00XXb
03C2h
A/D Register 1
AD1
XXXX XXXXb
03C3h
0000 00XXb
03C4h
A/D Register 2
AD2
XXXX XXXXb
03C5h
0000 00XXb
03C6h
A/D Register 3
AD3
XXXX XXXXb
03C7h
0000 00XXb
03C8h
A/D Register 4
AD4
XXXX XXXXb
03C9h
0000 00XXb
03CAh
A/D Register 5
AD5
XXXX XXXXb
03CBh
0000 00XXb
03CCh
A/D Register 6
AD6
XXXX XXXXb
03CDh
0000 00XXb
03CEh
A/D Register 7
AD7
XXXX XXXXb
03CFh
0000 00XXb
03D0h
03D1h
03D2h
03D3h
03D4h
A/D Control Register 2
ADCON2
0000 X00Xb
03D5h
03D6h
A/D Control Register 0
ADCON0
0000 0XXXb
03D7h
A/D Control Register 1
ADCON1
0000 X000b
03D8h
D/A0 Register
DA0
00h
03D9h
03DAh
D/A1 Register
DA1
00h
03DBh
03DCh
D/A Control Register
DACON
00h
03DDh
03DEh
03DFh
03E0h
Port P0 Register
P0
XXh
03E1h
Port P1 Register
P1
XXh
03E2h
Port P0 Direction Register
PD0
00h
03E3h
Port P1 Direction Register
PD1
00h
03E4h
Port P2 Register
P2
XXh
03E5h
Port P3 Register
P3
XXh
03E6h
Port P2 Direction Register
PD2
00h
03E7h
Port P3 Direction Register
PD3
00h
03E8h
Port P4 Register
P4
XXh
03E9h
Port P5 Register
P5
XXh
03EAh
Port P4 Direction Register
PD4
00h
03EBh
Port P5 Direction Register
PD5
00h
03ECh
Port P6 Register
P6
XXh
03EDh
Port P7 Register
P7
XXh
03EEh
Port P6 Direction Register
PD6
00h
03EFh
Port P7 Direction Register
PD7
00h
X: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com