Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640ECNFB Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # R5F3640ECNFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640ECNFB Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button R5F3640ECNFB Datasheet HTML 70Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 71Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 72Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 73Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 74Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 75Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 76Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 77Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 74 of 88
Feb 07, 2011
M16C/64C Group
5. Electrical Characteristics
VCC1 = VCC2 = 3 V
Timing Requirements
(VCC1 = VCC2 = 3 V, VSS = 0 V, at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified)
5.3.2.3
Timer A Input
Figure 5.20
Timer A Input
Table 5.43
Timer A Input (Counter Input in Event Counter Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN input cycle time
150
ns
tw(TAH)
TAiIN input high pulse width
60
ns
tw(TAL)
TAiIN input low pulse width
60
ns
Table 5.44
Timer A Input (Gating Input in Timer Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN input cycle time
600
ns
tw(TAH)
TAiIN input high pulse width
300
ns
tw(TAL)
TAiIN input low pulse width
300
ns
Table 5.45
Timer A Input (External Trigger Input in One-Shot Timer Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN input cycle time
300
ns
tw(TAH)
TAiIN input high pulse width
150
ns
tw(TAL)
TAiIN input low pulse width
150
ns
Table 5.46
Timer A Input (External Trigger Input in Pulse Width Modulation Mode and
Programmable Output Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tw(TAH)
TAiIN input high pulse width
150
ns
tw(TAL)
TAiIN input low pulse width
150
ns
TAiIN input
TAiOUT input
t w(TAH)
tc(TA)
t w(TAL)
tc(UP)
t w(UPH)
t w(UPL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com