Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640ECNFB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F3640ECNFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640ECNFB Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F3640ECNFB Datasheet HTML 1Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 2Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 3Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 4Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 5Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 6Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 7Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 8Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 4 of 88
Feb 07, 2011
M16C/64C Group
1. Overview
1.3
Product List
Table 1.3 and Table 1.4 list product information. Figure 1.1 shows the Part No., with Memory Size and
Package, and Figure 1.2 shows the Marking Diagram (Top View).
(D): Under development
(P): Planning
Previous package codes are as follows:
PRQP0100JD-B: 100P6F-A
PLQP0100KB-A: 100P6Q-A
(D): Under development
(P): Planning
Previous package codes are as follows:
PRQP0100JD-B: 100P6F-A
PLQP0100KB-A: 100P6Q-A
Table 1.3
Product List (N-Version)
As of February, 2011
Part No.
ROM Capacity
RAM
Capacity
Package Code
Remarks
Program
ROM 1
Program
ROM 2
Data flash
R5F36406CNFA
(D)
128 KB
16 KB
4 KB
× 2 blocks
12 KB
PRQP0100JD-B
Operating
temperature
-20°C to 85°C
R5F36406CNFB
(D)
PLQP0100KB-A
R5F3640ECNFA
(D)
256 KB
16 KB
4 KB
× 2 blocks
20 KB
PRQP0100JD-B
R5F3640ECNFB
(D)
PLQP0100KB-A
R5F3640KCNFA
(D)
384 KB
16 KB
4 KB
× 2 blocks
31 KB
PRQP0100JD-B
R5F3640KCNFB
(D)
PLQP0100KB-A
R5F3640MCNFA
(D)
512 KB
16 KB
4 KB
× 2 blocks
31 KB
PRQP0100JD-B
R5F3640MCNFB
(D)
PLQP0100KB-A
Table 1.4
Product List (D-Version)
As of February, 2011
Part No.
ROM Capacity
RAM
Capacity
Package Code
Remarks
Program
ROM 1
Program
ROM 2
Data flash
R5F36406CDFA
(D)
128 KB
16 KB
4 KB
× 2 blocks
12 KB
PRQP0100JD-B
Operating
temperature
-20°C to 85°C
R5F36406CDFB
(D)
PLQP0100KB-A
R5F3640ECDFA
(D)
256 KB
16 KB
4 KB
× 2 blocks
20 KB
PRQP0100JD-B
R5F3640ECDFB
(D)
PLQP0100KB-A
R5F3640KCDFA
(D)
384 KB
16 KB
4 KB
× 2 blocks
31 KB
PRQP0100JD-B
R5F3640KCDFB
(D)
PLQP0100KB-A
R5F3640MCDFA
(D)
512 KB
16 KB
4 KB
× 2 blocks
31 KB
PRQP0100JD-B
R5F3640MCDFB
(D)
PLQP0100KB-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com