Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640ECNFB Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # R5F3640ECNFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640ECNFB Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button R5F3640ECNFB Datasheet HTML 73Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 74Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 75Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 76Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 77Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 78Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 79Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 80Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 77 of 88
Feb 07, 2011
M16C/64C Group
5. Electrical Characteristics
VCC1 = VCC2 = 3 V
Timing Requirements
(VCC1 = VCC2 = 3 V, VSS = 0 V, at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified)
5.3.2.5
Serial Interface
Figure 5.23
Serial Interface
5.3.2.6
External Interrupt
INTi Input
Figure 5.24
External Interrupt
INTi Input
Table 5.51
Serial Interface
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(CK)
CLKi input cycle time
300
ns
tw(CKH)
CLKi input high pulse width
150
ns
tw(CKL)
CLKi input low pulse width
150
ns
td(C-Q)
TXDi output delay time
160
ns
th(C-Q)
TXDi hold time
0ns
tsu(D-C)
RXDi input setup time
100
ns
th(C-D)
RXDi input hold time
90
ns
Table 5.52
External Interrupt
INTi Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tw(INH)
INTi input high pulse width
380
ns
tw(INL)
INTi input low pulse width
380
ns
CLKi
TXDi
RXDi
tc(CK)
t w(CKH)
t w(CKL)
th(C-Q)
td(C-Q)
tsu(D-C)
th(C-D)
INTi input
t w(INL)
t w(INH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com