Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640ECNFB Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # R5F3640ECNFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640ECNFB Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button R5F3640ECNFB Datasheet HTML 72Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 73Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 74Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 75Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 76Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 77Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 78Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 79Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 76 of 88
Feb 07, 2011
M16C/64C Group
5. Electrical Characteristics
VCC1 = VCC2 = 3 V
Timing Requirements
(VCC1 = VCC2 = 3 V, VSS = 0 V, at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified)
5.3.2.4
Timer B Input
Figure 5.22
Timer B Input
Table 5.48
Timer B Input (Counter Input in Event Counter Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TB)
TBiIN input cycle time (counted on one edge)
150
ns
tw(TBH)
TBiIN input high pulse width (counted on one edge)
60
ns
tw(TBL)
TBiIN input low pulse width (counted on one edge)
60
ns
tc(TB)
TBiIN input cycle time (counted on both edges)
300
ns
tw(TBH)
TBiIN input high pulse width (counted on both edges)
120
ns
tw(TBL)
TBiIN input low pulse width (counted on both edges)
120
ns
Table 5.49
Timer B Input (Pulse Period Measurement Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TB)
TBiIN input cycle time
600
ns
tw(TBH)
TBiIN input high pulse width
300
ns
tw(TBL)
TBiIN input low pulse width
300
ns
Table 5.50
Timer B Input (Pulse Width Measurement Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TB)
TBiIN input cycle time
600
ns
tw(TBH)
TBiIN input high pulse width
300
ns
tw(TBL)
TBiIN input low pulse width
300
ns
TBiIN input
tc(TB)
t w(TBH)
t w(TBL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com