Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640ECNFB Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # R5F3640ECNFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640ECNFB Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button R5F3640ECNFB Datasheet HTML 76Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 77Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 78Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 79Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 80Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 81Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 82Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 83Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 80 of 88
Feb 07, 2011
M16C/64C Group
5. Electrical Characteristics
Figure 5.26
Timing Diagram
Memory Expansion Mode and Microprocessor Mode
(Effective in wait state setting)
RDY input
RD
BCLK
(Separate bus)
(Multiplexed bus)
RD
(Separate bus)
(Multiplexed bus)
tsu(RDY-BCLK)
th(BCLK-RDY)
Measuring conditions
V
= V
= 3 V
CC1
CC2
Input timing voltage: V = 0.6 V, V
= 2.4 V
IL
IH
Output timing voltage: V
= 1.5 V, V
= 1.5 V
OL
OH
V
= V
= 3 V
CC1
CC2
WR, WRL, WRH
WR, WRL, WRH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com