Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640ECNFB Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # R5F3640ECNFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640ECNFB Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button R5F3640ECNFB Datasheet HTML 52Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 53Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 54Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 55Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 56Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 57Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 58Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 59Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 56 of 88
Feb 07, 2011
M16C/64C Group
5. Electrical Characteristics
VCC1 = VCC2 = 5 V
Timing Requirements
(VCC1 = VCC2 = 5 V, VSS = 0 V, at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified)
5.2.2.3
Timer A Input
Figure 5.7
Timer A Input
Table 5.23
Timer A Input (Counter Input in Event Counter Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN input cycle time
100
ns
tw(TAH)
TAiIN input high pulse width
40
ns
tw(TAL)
TAiIN input low pulse width
40
ns
Table 5.24
Timer A Input (Gating Input in Timer Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN input cycle time
400
ns
tw(TAH)
TAiIN input high pulse width
200
ns
tw(TAL)
TAiIN input low pulse width
200
ns
Table 5.25
Timer A Input (External Trigger Input in One-Shot Timer Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN input cycle time
200
ns
tw(TAH)
TAiIN input high pulse width
100
ns
tw(TAL)
TAiIN input low pulse width
100
ns
Table 5.26
Timer A Input (External Trigger Input in Pulse Width Modulation Mode and
Programmable Output Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tw(TAH)
TAiIN input high pulse width
100
ns
tw(TAL)
TAiIN input low pulse width
100
ns
TAiIN input
TAiOUT input
t w(TAH)
tc(TA)
t w(TAL)
tc(UP)
t w(UPH)
t w(UPL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com