Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640ECNFB Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # R5F3640ECNFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640ECNFB Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button R5F3640ECNFB Datasheet HTML 42Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 43Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 44Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 45Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 46Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 47Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 48Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 49Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 46 of 88
Feb 07, 2011
M16C/64C Group
5. Electrical Characteristics
Notes:
1.
Definition of program and erase cycles
The program and erase cycles refer to the number of per-block erasures.
If the program and erase cycles are n (n = 10,000), each block can be erased n times.
For example, if a 4 KB block is erased after writing 2 word data 1,024 times, each to a different address, this
counts as one program and erase cycles. Data cannot be written to the same address more than once without
erasing the block (rewrite prohibited).
2.
Cycles to guarantee all electrical characteristics after program and erase. (1 to Min. value can be guaranteed).
3.
In a system that executes multiple programming operations, the actual erasure count can be reduced by writing
to sequential addresses in turn so that as much of the block as possible is used up before performing an erase
operation. For example, when programming groups of 16 bytes, the effective number of rewrites can be
minimized by programming up to 256 groups before erasing them all in one operation. In addition, averaging the
erasure cycles between blocks A and B can further reduce the actual erasure cycles. It is also advisable to retain
data on the erasure cycles of each block and limit the number of erase operations to a certain number.
4.
If an error occurs during block erase, attempt to execute the clear status register command, then execute the
block erase command at least three times until the erase error does not occur.
5.
Customers desiring program/erase failure rate information should contact a Renesas Electronics sales office.
6.
The data hold time includes time that the power supply is off or the clock is not supplied.
7.
After an erase start or erase restart, if an interval of at least 20 ms is not set before the next suspend request, the
erase sequence cannot be completed.
Table 5.10
Flash Memory (Data Flash) Electrical Characteristics
VCC1 = 2.7 to 5.5 V at Topr = -20 to 85°C/-40 to 85°C, unless otherwise specified.
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
-
Program and erase cycles (1), (3), (4) VCC1 = 3.3 V, Topr = 25°C
10,000 (2)
times
-
2 word program time
VCC1 = 3.3 V, Topr = 25°C
300
4000
μs
-
Lock bit program time
VCC1 = 3.3 V, Topr = 25°C
140
3000
μs
-
Block erase time
VCC1 = 3.3 V, Topr = 25°C
0.2
3.0
s
td(SR-SUS)
Time delay from suspend request
until suspend
ms
-
Interval from erase start/restart until
following suspend request
0
μs
-
Suspend interval necessary for
auto-erasure to complete (7)
20
ms
-
Time from suspend until erase
restart
μs
-
Program, erase voltage
2.7
5.5
V
-
Read voltage
2.7
5.5
V
-
Program, erase temperature
−20/−40
85
°C
tPS
Flash memory circuit stabilization wait time
50
μs
-
Data hold time (6)
Ambient temperature = 55
°C
20
year
5
3
f BCLK
()
----------------
+
30
1
f BCLK
()
----------------
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com