Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640ECNFB Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # R5F3640ECNFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640ECNFB Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button R5F3640ECNFB Datasheet HTML 57Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 58Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 59Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 60Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 61Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 62Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 63Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 64Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 61 of 88
Feb 07, 2011
M16C/64C Group
5. Electrical Characteristics
VCC1 = VCC2 = 5 V
Timing Requirements
(VCC1 = VCC2 = 5 V, VSS = 0 V, at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified)
5.2.3
Timing Requirements (Memory Expansion Mode and Microprocessor
Mode)
Notes:
1.
Calculated according to the BCLK frequency as follows:
2.
Calculated according to the BCLK frequency as follows:
n is 1 for 1 wait setting, 2 for 2 waits setting and 3 for 3 waits setting.
3.
Calculated according to the BCLK frequency as follows:
n is 2 for 2 waits setting, and 3 for 3 waits setting.
Table 5.34
Memory Expansion Mode and Microprocessor Mode
Symbol
Parameter
Standard
Unit
Min.
Max.
tac1(RD-DB)
Data input access time (for setting with no wait)
(Note 1)
ns
tac2(RD-DB)
Data input access time (for setting with 1 to 3 waits)
(Note 2)
ns
tac3(RD-DB)
Data input access time (when accessing multiplex bus area)
(Note 3)
ns
tsu(DB-RD)
Data input setup time
50
ns
tsu(RDY-BCLK)
RDY input setup time
80
ns
th(RD-DB)
Data input hold time
0ns
th(BCLK-RDY)
RDY input hold time
0ns
0.5
10
9
×
f
BCLK
()
----------------------45 ns
[]
–
n
0.5
+
() 10
9
×
f
BCLK
()
------------------------------------
45 ns
[]
–
n
0.5
–
() 10
9
×
f
BCLK
()
------------------------------------45 ns
[]
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com