Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640ECNFB Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # R5F3640ECNFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640ECNFB Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button R5F3640ECNFB Datasheet HTML 18Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 19Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 20Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 21Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 22Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 23Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 24Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 25Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 22 of 88
Feb 07, 2011
M16C/64C Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.3
SFR Information (3) (1)
Address
Register
Symbol
Reset Value
0040h
0041h
0042h
INT7 Interrupt Control Register
INT7IC
XX00 X000b
0043h
INT6 Interrupt Control Register
INT6IC
XX00 X000b
0044h
INT3 Interrupt Control Register
INT3IC
XX00 X000b
0045h
Timer B5 Interrupt Control Register
TB5IC
XXXX X000b
0046h
Timer B4 Interrupt Control Register
UART1 Bus Collision Detection Interrupt Control Register
TB4IC
U1BCNIC
XXXX X000b
0047h
Timer B3 Interrupt Control Register
UART0 Bus Collision Detection Interrupt Control Register
TB3IC
U0BCNIC
XXXX X000b
0048h
SI/O4 Interrupt Control Register
INT5 Interrupt Control Register
S4IC
INT5IC
XX00 X000b
0049h
SI/O3 Interrupt Control Register
INT4 Interrupt Control Register
S3IC
INT4IC
XX00 X000b
004Ah
UART2 Bus Collision Detection Interrupt Control Register
BCNIC
XXXX X000b
004Bh
DMA0 Interrupt Control Register
DM0IC
XXXX X000b
004Ch
DMA1 Interrupt Control Register
DM1IC
XXXX X000b
004Dh
Key Input Interrupt Control Register
KUPIC
XXXX X000b
004Eh
A/D Conversion Interrupt Control Register
ADIC
XXXX X000b
004Fh
UART2 Transmit Interrupt Control Register
S2TIC
XXXX X000b
0050h
UART2 Receive Interrupt Control Register
S2RIC
XXXX X000b
0051h
UART0 Transmit Interrupt Control Register
S0TIC
XXXX X000b
0052h
UART0 Receive Interrupt Control Register
S0RIC
XXXX X000b
0053h
UART1 Transmit Interrupt Control Register
S1TIC
XXXX X000b
0054h
UART1 Receive Interrupt Control Register
S1RIC
XXXX X000b
0055h
Timer A0 Interrupt Control Register
TA0IC
XXXX X000b
0056h
Timer A1 Interrupt Control Register
TA1IC
XXXX X000b
0057h
Timer A2 Interrupt Control Register
TA2IC
XXXX X000b
0058h
Timer A3 Interrupt Control Register
TA3IC
XXXX X000b
0059h
Timer A4 Interrupt Control Register
TA4IC
XXXX X000b
005Ah
Timer B0 Interrupt Control Register
TB0IC
XXXX X000b
005Bh
Timer B1 Interrupt Control Register
TB1IC
XXXX X000b
005Ch
Timer B2 Interrupt Control Register
TB2IC
XXXX X000b
005Dh
INT0 Interrupt Control Register
INT0IC
XX00 X000b
005Eh
INT1 Interrupt Control Register
INT1IC
XX00 X000b
005Fh
INT2 Interrupt Control Register
INT2IC
XX00 X000b
X: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com